Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 256 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 256 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 252Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 253Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 254Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 255Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 256Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 257Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 258Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 259Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 260Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
256
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
110 = FVCO / 7
111 = FVCO / 8
Recommended that this register is not changed from
default.
2:0
FLL_FRATIO
[2:0]
000
FVCO clock divider
000 = 1
001 = 2
010 = 4
011 = 8
1XX = 16
000 recommended for high FREF
011 recommended for low FREF
Register 4093h FLL Control 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16532
(4094h) FLL
Control 3
15:0
FLL_K [15:0]
0000_0000
_0000_000
0
Fractional multiply for FREF
(MSB = 0.5)
Register 4094h FLL Control 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16533
(4095h) FLL
Control 4
14:5
FLL_N [9:0]
01_0111_0
111
Integer multiply for FREF
(LSB = 1)
3:0
FLL_GAIN [3:0]
0000
Gain applied to error
0000 = x 1 (Recommended value)
0001 = x 2
0010 = x 4
0011 = x 8
0100 = x 16
0101 = x 32
0110 = x 64
0111 = x 128
1XXX = x 256
Recommended that this register is not changed from
default.
Register 4095h FLL Control 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com