Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 259 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 259 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 255Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 256Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 257Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 258Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 259Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 260Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 261Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 262Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 263Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
259
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30731
(780Bh)
Factory OTP
3
10:7
OSC_TRIM
[3:0]
0000
[No description available]
6:3
BG_TRIM [3:0]
0000
[No description available]
2:0
LPBG_TRIM
[2:0]
000
[No description available]
Register 780Bh Factory OTP 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30732
(780Ch)
Factory OTP
4
7:1
CHILD_I2C_A
DDR [6:0]
000_0000
[No description available]
0
CH_AW
0
[No description available]
Register 780Ch Factory OTP 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30733
(780Dh)
Factory OTP
5
5:0
CHARGE_TRI
M [5:0]
00_0000
[No description available]
Register 780Dh Factory OTP 5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30736
(7810h)
Customer
OTP ID
15
OTP_AUTO_P
ROG
0
If this bit is set when bootstrap data is loaded from ICE
(in development mode), then the ICE contents will be
programmed in the OTP.
14:1
OTP_CUST_ID
[13:0]
00_0000_0
000_0000
This field is checked when an ‘ON’ transition is
requested. A non-zero value is used to confirm valid
data.
0
OTP_CUST_FI
NAL
0
If OTP_CUST_FINAL is set in the OTP and also set in
the DCRW, then no further Writes are possible to the
OTP.
Register 7810h Customer OTP ID
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30737
(7811h) DC1
OTP Control
15:13
DC1_ON_SLO
T [2:0]
000
DC-DC1 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com