Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 282 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 282 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 278Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 279Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 280Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 281Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 282Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 283Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 284Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 285Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 286Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
282
When selecting a suitable output inductor, the inductance value and the saturation current must be
compatible with the operating conditions of the converter.
The magnitude of the inductor current ripple is dependent on the inductor value and can be
determined by the following equation:
The inductor current is also a function of the DC-DC Converter maximum input current, which can be
determined by the following equation:
As a minimum requirement, the DC current rating should be equal to the maximum input current plus
one half of the inductor current ripple.
To be suitable for the application, the chosen inductor must have a saturation current that is higher
than the peak inductor current given by the above equation. To maximise the converter efficiency, the
inductor should also have a low DC Resistance (DCR), resulting in minimum conduction losses. Care
should also be taken to ensure that the component’s inductance is suitable at the applicable
operating temperature.
Wolfson recommends the following external components for use with DC-DC Converter 4.
The output capacitor COUT must be selected according to the required output voltage. For 10V output,
4.7
F is recommended. For 15V output, 3.3F is recommended. For 20-30V output, 1.5F is
recommended.
The resistors R1 and R2 must be selected according to the required output voltage - refer to the
equations above. The values quoted below are suitable for 20V output.
COMPONENT
VALUE
PART NUMBER
SIZE
L
10
H
Taiyo-Yuden NR3015T100M
3 x 3 x 1.5mm
COUT
4.7
F
Murata GRM31CR61C475KA01
1206
3.3
F
Murata GRM31CR71C335KA01
1206
1.5
F
MuRata GRM31CR71H225KA88
1206
CIN
2.2
F
MuRata GRM188R61A5KE34
0603
FET +
shottky diode
Vishay SIA814DJ-T1-GE3
SC-70-6
2.05 x 2.05 x
0.75mm
R1
1.8M
Phycomp 2322 7046 1805
0603
R2
47k
Multicomp MIC 0.063W 0603 1% 47K
0603
Table 110 Recommended External Components - DC-DC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com