Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 284 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 284 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 280Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 281Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 282Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 283Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 284Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 285Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 286Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 287Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 288Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
284
30.6 BATTERY TEMPERATURE MONITORING COMPONENTS
Battery temperature monitoring is performed using a reference voltage output on the NTCBIAS pin. A
potential divider is formed between the NTC bias resistor and the NTC thermistor component within
the battery pack. The voltage present at the NTCMON pin is used to determine the battery
temperature. The recommended connections and the derivation of VNTCMON is shown in Figure 37.
Figure 37 Battery Temperature Monitoring
The voltage thresholds for the Hot/Cold Battery Temperature conditions are fixed in the WM8310:
The Cold Battery condition is detected when VNTCMON > 0.765 x VNTCBIAS
The Hot Battery condition is detected when VNTCMON < 0.348 x VNTCBIAS
If the NTC thermistor has a nominal resistance of 100k
 at 25C, and follows the Vishay Resistance-
Temperature Curve 1, then the above equations result in the Hot Battery threshold = 40
C and the
Cold Battery threshold = 0
C.
For example, if the NTC thermistor resistance is 53.4k
 at 40C, then VNTCMON is given by the
following equation:
The upper and lower temperature thresholds can be adjusted by modification of the NTC bias resistor
and/or the addition of another resistor between the battery pack and the NTCMON pin.
If only the NTC bias resistor is adjusted, then either the upper or lower threshold can be selected, but
not both; the other threshold will be determined by the thermistor characteristics.
If an additional resistor is inserted between the battery pack and the NTCMON pin, then the upper
and lower thresholds can be independently selected, with the constraint that the upper and lower
thresholds must be at least 40
C apart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com