Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 287 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 287 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 283Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 284Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 285Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 286Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 287Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 288Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 289Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 290Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 291Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 287 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
287
30.7 PCB LAYOUT
Poor PCB layout will degrade the performance and be a contributory factor in EMI, ground bounce
and resistive voltage losses. Poor regulation and instability can result.
Simple design rules can be implemented to negate these effects:
External input and output capacitors should be placed as close to the device as possible using short
wide traces between the external power components. For the DC-DC Converters, the input capacitor
placement takes priority on the DC-DC converters. (For the LDO Regulators, the placement of the
input and output capacitors have equal priority.)
Route the DC-DC converter output voltage feedback as an independent connection to the top of the
output capacitor to create a true sense of the output voltage, routing away from noisy signals such as
the LX connection.
Use a local ground island for each individual DC-DC converter connected at a single point onto a fully
flooded ground plane.
Current loop areas should be kept as small as possible with loop areas changing little during
alternating switching cycles.
Studying the layout below shows, for example, DC-DC1 layout with external components C3, L3 and
C6. The input capacitor, C6, is close into the IC and shares a small ground island with the output
capacitor C3. The inductor, L3, is situated in close proximity to C3 in order to keep loop area small
and minimise the trace resistance. Note also the use of short wide traces with all power tracking on a
single (top) layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com