Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 291 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 291 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 283Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 284Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 285Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 286Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 287Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 288Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 289Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 290Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 291Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 291 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
291
DATE
REV
DESCRIPTION OF CHANGES
CHANGED
BY
07/03/11
3.1
RTC_PINT_FREQ definition updated.
Added notes that SLEEP > OFF is not a controlled transition; converters and
regulators are disabled immediately.
RESET pin description updated to note integrated pull-up.
IRQ description updated to note pull-up in Open Drain mode.
System Reset and Device Reset descriptions updated, consistent with the
Summary Table.
Recommended external pull-up resistances added in Pin Description.
Internal pull-up / pull-down resistances added in Electrical Characteristics.
CE000612 errata added (GPn_POL in development mode)
PH
28/03/11
3.1
Noted maximum limit on Software Resets. Also clarification of the maximum
number of Watchdog / Undervoltage Device Resets.
CE000607 errata added (Device start-up, USB_ILIM < 100mA).
CE000608 errata added (Power up failure, USB100MA_STARTUP = 10 or 11).
PH
28/06/11
3.1
DC-DC output inductor saturation limit recommendations added.
SYSOK_THR register description updated.
PH
21/09/11
3.1
Backup battery power updated; Backup charger control registers deleted.
LDO11 output amended for LDO11_VSEL_SRC=1 and DC-DC1 disabled.
PH
17/04/12
3.1
Order codes changed from WM8310GEB/V and WM8310GEB/RV to
WM8310CGEB/V and WM8310CGEB/RV to reflect change to copper wire
bonding.
JMacD
17/04/12
3.1
Package Diagram updated to DM062C to reflect change to copper wire bonding.
JMacD
02/05/12
3.1
Electrical Characteristics updated
LDO7, 8, 9, 10 input voltage range updated.
LDO11 current rating updated.
PH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com