Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 110 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 110 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 114Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
110
14.3.6
RESET SIGNALS
The WM8351 provides an active-low reset output signal to the host processor on the open-drain /RST
pin. The /RST pin is asserted low in the OFF state. The status of the /RST pin in HIBERNATE state is
configurable using the RST_HIB_MODE bit.
In start-up, after all enabled power supplies reach 90% of their programmed output voltage, the /RST
output is held low for a programmable duration set by RSTB_TO. The /RST pin is then set high. The
/RST output is set low during the shutdown sequence.
In Configuration Mode 11 only, the “crystal detect” mode is enabled; this controls the /RST output
behaviour. In this mode, the WM8351 monitors the 32kHz crystal oscillator during start-up to verify
that the output frequency is valid. The /RST output is held low until this has been achieved.
An additional GPIO output, /RST can be generated, with the same functionality as the /RST pin. A
GPIO pin must be configured as /RST in order to output this signal (see Section 20).
The WM8351 can also generate a separate /MEMRST signal for other subsystems such as external
memory. This allows resetting some subsystems in the HIBERNATE state, while not resetting others.
The /MEMRST feature is provided via a GPIO pin (see Section 20). Note that /MEMRST is not a valid
control signal during the start-up as the GPIO pins are not configured at this time. The MEM_VALID
field provides an indication of whether the contents of the external memory (under control of
/MEMRST) are valid.
The /RST and /MEMRST signals can also be asserted under control of a manual reset input. A GPIO
pin (see Section 20) must be configured as /MR to enable this feature. Note that the /MR input has no
effect on the WM8351 circuits other than asserting /RST and /MEMRST.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
System
Control 1
11:10
RSTB_TO
[1:0]
11
Time that the /RST pin and /MEMRST output
is held low after the chip reaches the active
state.
00 = 15ms
01 = 30ms
10 = 60ms
11 = 120ms
5
MEM_VALID
0
Indicates that the contents of external
memory are still valid.
This bit is cleared on startup and whenever
/MEMRST is asserted from the main state
machine. The system software should set
this bit once the external memory has been
set up.
Controlled in hibernate mode by
MEMRST_HIB_MODE
0 = External memory is not valid and needs
restoring.
1 = External memory is valid.
R5 (05h)
System
Hibernate
4
RST_HIB_M
ODE
0
/RST pin state in hibernate mode:
0 = Asserted (low)
1 = Not asserted (high)
2
MEMRST_H
IB_MODE
0
/MEMRST (Alternative GPIO function) pin
state in hibernate mode
0 = Asserted (low)
1 = Not asserted (high)
Table 60 Controlling Reset Signals
The WM8351 can be commanded to assert the /RST and /MEMRST signals by writing a logic ‘1’ to
the SYS_RST register bit. In this case, the /RST and /MEMRST outputs are asserted low for the
duration specified by RSTB_TO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com