Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 169 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 169 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 165Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 173Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
169
19 AUXILIARY ADC
19.1 GENERAL DESCRIPTION
The WM8351 incorporates a low-power 12-bit Auxiliary ADC (AUXADC). This can be used to
measure a number of internal or external voltages, with either VREF or VRTC as its reference. A
programmable potential divider enables the AUXADC to measure voltages higher than the reference.
Note that the AUX1 pin is also the input for the battery pack temperature monitoring circuit and is
therefore not freely available for other analogue inputs. The battery NTC input can still be sampled
and readback via AUX1 in the same way as the other AUXADC inputs. The AUX1 pin may be used
for other purposes if the NTC detection is disabled and/or the associated Battery Charger interrupts
are masked. See Section 17.7 for details of the battery pack NTC functions.
The AUXADC circuit is illustrated in Figure 78.
VREF
VRTC
AGND
Aux
ADC
USB
LINE
temperature
AUX1
AUX3
AUX4
AUX2
To digital comparators
& readback registers
BATT
AUXADC
timing logic
AUXADC_SCALEn
divide by 1,2,4
AUXADC_SEL1-8
select input
Voltage
Scaling
÷ 2
AUXADC_REFn
select reference (AUX1-4 only)
MASK
(GPIO Alternate function)
ADA
(GPIO Alternate function)
Figure 78 Auxiliary ADC
The AUXADC is enabled using the AUXADC_ENA register bit as described in Table 114.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch) Power
Mgmt (5)
7
AUXADC_ENA
0
AUXADC control
0 = disabled
1 = enabled
R144 (90h)
Digitizer Control
(1)
15
Note:
AUXADC_ENA can be accessed through R12 or through R144. Reading from or writing to
either register location has the same effect.
Table 114 AUXADC Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com