Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 225 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 225 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 221Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 222Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 223Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 224Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 225Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 226Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 227Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 228Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 229Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
225
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R9 (09h)
Power mgmt
(2)
11
IN3R_ENA
0
IN3R Amplifier enable
0 = disabled
1 = enabled
10
IN3L_ENA
0
IN3L Amplifier enable
0 = disabled
1 = enabled
9
INR_ENA
0
Right input PGA enable
0 = disabled
1 = enabled
8
INL_ENA
0
Left input PGA enable
0 = disabled
1 = enabled
7
MIXINR_ENA
0
Right input mixer enable
0 = disabled
1 = enabled
6
MIXINL_ENA
0
Left input mixer enable
0 = disabled
1 = enabled
5
OUT4_ENA
0
OUT4 enable
0 = disabled
1 = enabled
4
OUT3_ENA
0
OUT3 enable
0 = disabled
1 = enabled
1
MIXOUTR_ENA
0
Right Output Mixer Enable
0 = disabled
1 = enabled
0
MIXOUTL_ENA
0
Left Output Mixer Enable
0 = disabled
1 = enabled
Register 09h
Power mgmt (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R10 (0Ah)
Power mgmt
(3)
7
IN3R_TO_OUT2R
0
BEEP mixer enable
3
OUT2R_ENA
0
OUT2R enable
0 = disabled
1 = enabled
2
OUT2L_ENA
0
OUT2L enable
0 = disabled
1 = enabled
1
OUT1R_ENA
0
OUT1R enable
0 = disabled
1 = enabled
0
OUT1L_ENA
0
OUT1L enable
0 = disabled
1 = enabled
Register 0Ah
Power mgmt (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com