Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 227 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 227 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 223Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 224Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 225Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 226Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 227Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 228Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 229Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 230Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 231Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
227
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
CHG_ENA bit selects battery charger current control
0 = Set battery charger current to zero
1 = Enable battery charge control
Protected by security key. Reset by state machine.
Default held in metal mask.
8
SW_VRTC_ENA
0
SW_VRTC control
0 = VRTC is not driven out on SWVRTC pin
1 = VRTC is driven out on SWVRTC pin
Reset by state machine.
7
AUXADC_ENA
0
AUXADC control
0 = disabled
1 = enabled
Reset by state machine.
3
DCMP4_ENA
0
Digital comparator 4 enable
0 = disabled
1 = enabled
Reset by state machine.
2
DCMP3_ENA
0
Digital comparator 3 enable
0 = disabled
1 = enabled
Reset by state machine.
1
DCMP2_ENA
0
Digital comparator 2 enable
0 = disabled
1 = enabled
Reset by state machine.
0
DCMP1_ENA
0
Digital comparator 1 enable
0 = disabled
1 = enabled
Reset by state machine.
Register 0Ch
Power mgmt (5)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R13 (0Dh)
Power mgmt
(6)
15
LS_ENA
0
Limit Switch enable
0 = disabled
1 = enabled
Note: internal conditions may prevent the converter
from actually switching on - see DCDC/LDO Status
register for actual converter status.
Reset by state machine. Default held in metal mask.
11
LDO4_ENA
0
LDO4 enable
0 = disabled
1 = enabled
Note: internal conditions may prevent the converter
from actually switching on - see DCDC/LDO Status
register for actual converter status.
Reset by state machine. Default held in metal mask.
10
LDO3_ENA
0
LDO3 enable
0 = disabled
1 = enabled
Note: internal conditions may prevent the converter
from actually switching on - see DCDC/LDO Status
register for actual converter status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com