Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 236 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 236 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 232Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 233Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 234Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 235Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 236Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 237Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 238Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 239Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 240Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
236
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R31 (1Fh)
Comparator
Interrupt
Status
15
EXT_USB_FB_EINT
0
USB_FB changed interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
14
EXT_WALL_FB_EINT
0
WALL_FB changed interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
13
EXT_BATT_FB_EINT
0
BATT_FB changed interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
11
CODEC_JCK_DET_L_EINT
0
Left channel Jack detction interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
10
CODEC_JCK_DET_R_EINT
0
Right channel Jack detction interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
9
CODEC_MICSCD_EINT
0
Mic short-circuit detect interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
8
CODEC_MICD_EINT
0
Mic detect interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
6
WKUP_OFF_STATE_EINT
0
Indicates that the chip started from the OFF
state.
(Rising Edge triggered)
Note: This bit is cleared once read.
5
WKUP_HIB_STATE_EINT
0
Indicated the chip started up from the
hibernate state.
(Rising Edge triggered)
Note: This bit is cleared once read.
4
WKUP_CONV_FAULT_EINT
0
Indicates the wakeup was caused by a
converter fault leading to the chip being
reset.
(Rising Edge triggered)
Note: This bit is cleared once read.
3
WKUP_WDOG_RST_EINT
0
Indicates the wakeup was caused by a
watchdog heartbeat being missed, and
hence the chip being reset.
(Rising Edge triggered)
Note: This bit is cleared once read.
2
WKUP_GP_PWR_ON_EINT
0
PWR_ON (Alternate GPIO function) pin has
been pressed for longer than specified time.
(Rising Edge triggered)
Note: This bit is cleared once read.
1
WKUP_ONKEY_EINT
0
ON key has been pressed for longer than
specified time.
(Rising Edge triggered)
Note: This bit is cleared once read.
0
WKUP_GP_WAKEUP_EINT
0
WAKEUP (Alternate GPIO function) pin has
been pressed for longer than specified time.
(Rising Edge triggered)
Note: This bit is cleared once read.
Register 1Fh
Comparator Interrupt Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com