Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 238 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 238 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 234Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 235Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 236Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 237Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 238Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 239Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 240Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 241Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 242Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
238
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R33 (21h)
Interrupt
Status 1
Mask
15
IM_CHG_BATT_HOT_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
14
IM_CHG_BATT_COLD_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
13
IM_CHG_BATT_FAIL_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
12
IM_CHG_TO_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
11
IM_CHG_END_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
10
IM_CHG_START_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
9
IM_CHG_FAST_RDY_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
7
IM_RTC_PER_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
6
IM_RTC_SEC_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
5
IM_RTC_ALM_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
2
IM_CHG_VBATT_LT_3P9_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
1
IM_CHG_VBATT_LT_3P1_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
0
IM_CHG_VBATT_LT_2P85_EINT
0
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Reset by state machine.
Register 21h
Interrupt Status 1 Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com