Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 248 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 248 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 244Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 245Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 246Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 247Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 248Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 249Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 250Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 251Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 252Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
248
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R58 (3Ah)
DAC Mute
14
DAC_MUTE
1
DAC Mute
0 = disabled
1 = enabled
Register 3Ah
DAC Mute
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R59 (3Bh)
DAC Mute
Volume
14
DAC_MUTEMODE
0
DAC Soft Mute Mode
0 = Disabling soft-mute (DAC_MUTE=0) will cause
the volume to change immediately to the
DACL_VOL / DACR_VOL settings
1 = Disabling soft-mute (DAC_MUTE=0) will cause
the volume to ramp up gradually to the DACL_VOL /
DACR_VOL settings
13
DAC_MUTERATE
0
DAC Soft Mute Ramp Rate
0 = Fast ramp (24kHz at fs=48k, providing
maximum delay of 10.7ms)
1 = Slow ramp (1.5kHz at fs=48k, providing
maximum delay of 171ms)
12
DAC_SB_FILT
0
Selects DAC filter characteristics
0 = Normal mode
1 = Sloping stopband mode
Register 3Bh
DAC Mute Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R60 (3Ch)
DAC Side
13:12
ADC_TO_DACL[1:0]
00
DAC Left Side-tone Control
11 = Unused
10 = Mix ADCR into DACL
01 = Mix ADCL into DACL
00 = No Side-tone mix into DACL
11:10
ADC_TO_DACR[1:0]
00
DAC Right Side-tone Control
11 = Unused
10 = Mix ADCR into DACR
01 = Mix ADCL into DACR
00 = No Side-tone mix into DACR
Register 3Ch
DAC Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com