Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 273 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 273 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 269Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 270Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 271Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 272Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 273Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 274Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 275Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 276Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 277Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
273
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
4
GP4_CFG
1
GPIO4 pin polarity/type:
Input:
0 = Active low
1 = Active high
Output:
0 = CMOS
1 = Open drain
Reset by state machine. Default held in metal mask.
3
GP3_CFG
1
1
0
1
GPIO3 pin polarity/type:
Input:
0 = Active low
1 = Active high
Output:
0 = CMOS
1 = Open drain
Reset by state machine. Default held in metal mask.
2
GP2_CFG
1
GPIO2 pin polarity/type:
Input:
0 = Active low
1 = Active high
Output:
0 = CMOS
1 = Open drain
Reset by state machine. Default held in metal mask.
1
GP1_CFG
0
1
1
0
GPIO1 pin polarity/type:
Input:
0 = Active low
1 = Active high
Output:
0 = CMOS
1 = Open drain
Reset by state machine. Default held in metal mask.
0
GP0_CFG
0
1
0
1
GPIO0 pin polarity/type:
Input:
0 = Active low
1 = Active high
Output:
0 = CMOS
1 = Open drain
Reset by state machine. Default held in metal mask.
Register 87h
GPIO Pin Polarity / Type
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R140 (8Ch)
GPIO
Function
Select 1
15:12
GP3_FN[3:0]
0000
0000
0001
0000
GPIO3 alternate function:
Input:
0000 = GPIO
0001 = PWR_ON
0010 = LDO_ENA
0011 = PWR_OFF
0100 = FLASH
Output:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com