Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 277 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 277 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 273Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 274Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 275Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 276Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 277Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 278Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 279Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 280Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 281Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
277
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0011 = /BATT_FAULT
0100 = /MEMRST
Reset by state machine. Default held in metal mask.
3:0
GP8_FN[3:0]
0000
0011
0000
0000
GPIO8 alternate function:
Input:
0000 = GPIO
0001 = /MR
0010 = ADCBCLK
0011 = PWR_OFF
0100 = HIBERNATE (edge)
Output:
0000 = GPIO
0001 = /VCC_FAULT
0010 = ADCBCLK
0011 = /BATT_FAULT
0100 = /RST
Reset by state machine. Default held in metal mask.
Register 8Eh
GPIO Function Select 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R143 (8Fh)
GPIO
Function
Select 4
3:0
GP12_FN[3:0]
0011
0011
0000
0011
GPIO12 alternate function:
Input:
0000 = GPIO
0001 = CHIP_RESET
Output:
0000 = GPIO
0001 = ISINKE
0010 = LINE_GT_BATT
0011 = LINE_SW
0100 = 32kHz
Reset by state machine. Default held in metal mask.
Register 8Fh
GPIO Function Select 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R144 (90h)
Digitiser
Control (1)
15
AUXADC_ENA
0
AUXADC control
0 = disabled
1 = enabled
Reset by state machine.
14
AUXADC_CTC
0
Continuous conversion mode:
0 = Polling mode
1 = Continuous mode
Reset by state machine.
13
AUXADC_POLL
0
Writing “1” initiates a set of measurements in
polling mode (AUXADC_CTC=0). This bit is
automatically reset after the measurements are
completed.
Reset by state machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com