Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 318 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 318 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 314Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 315Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 316Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 317Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 318Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 319Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 320Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 321Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 322Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
318
MAGNITUDE(dB)
0
4.41k
8.82k
13.23k
17.64k
22.05k
26.46k
30.87k
35.28k
39.69k
44.1k
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
MAGNITUDE(dB)
0
2.205k
4.41k
6.615k
8.82k
11.025k
13.23k
15.435k
17.64k
19.845k
22.05k
-0.5
-0.45
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
-100m
-50m
0
50m
Figure 83 DAC Digital Filter Frequency Response (Sloping
Stopband Mode)
Figure 84 DAC Digital Filter Ripple (Sloping Stopband
Mode)
28.2 ADC FILTER RESPONSES
Magnitude (dB) up to fs
-140
-120
-100
-80
-60
-40
-20
0
20
0.00
0.25
0.50
0.75
Frequency
Magnitude (dB): Passband Ripple
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0.00
0.25
Frequency
Figure 85 ADC Digital Filter Frequency Response
Figure 86 ADC Digital Filter Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com