Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 316 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 316 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 312Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 313Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 314Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 315Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 316Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 317Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 318Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 319Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 320Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
316
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0011 = TRICKLE_OVERTEMP
0100 = FAST
0110 = FAST_CHOKE
0101 = FAST_OVERTEMP
3:0
MAIN_SM[3:0]
0000
Readback tell you what state the MAIN state machine
is in. This is useful for debugging your setup.
0010 = OFF
1101 = PRE-ACTIVE
1100 = HIBERNATE
1111 = ACTIVE
Register E9h
State Machine status
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R234 (EAh)
FLL Test 1
12
FLL_FRC_TRK_GAIN
1
Force the FLL_TRK_GAIN
0 : Lets FLL_TRK_GAIN control the FLL
1 : Forces FLL_TRK_GAIN to 0 until FLL_LOCK
goes high
Protected by security key.
9:8
FLL_BIAS[1:0]
10
FLL bias control
Protected by security key.
7:6
FLL_POLE_SHIFT[1:0]
00
Test register to control analogue poles with FLL
loop
Protected by security key.
Register EAh
FLL Test 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R248 (F8h)
DCDC1 Test
Controls
4
DC1_FORCE_PWM
0
Force DC-DC1 PWM mode
0 = Normal DC-DC operation
1 = Force DC-DC PWM mode
Reset by state machine.
Register F8h
DCDC1 Test Controls
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R250 (FAh)
DCDC3 Test
Controls
4
DC3_FORCE_PWM
0
Force DC-DC3 PWM mode
0 = Normal DC-DC operation
1 = Force DC-DC PWM mode
Reset by state machine.
Register FAh
DCDC3 Test Controls
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R251 (FBh)
DCDC4 Test
Controls
4
DC4_FORCE_PWM
0
Force DC-DC4 PWM mode
0 = Normal DC-DC operation
1 = Force DC-DC PWM mode
Reset by state machine.
Register FBh
DCDC4 Test Controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com