Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 313 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 313 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 309Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 310Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 311Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 312Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 313Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 314Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 315Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 316Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 317Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
313
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
debounce logic when the
CONVERTER_UV_OVRDE bit is set to 1.
1
UNDV_DC2_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to the
debounce logic when the
CONVERTER_UV_OVRDE bit is set to 1.
0
UNDV_DC1_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to the
debounce logic when the
CONVERTER_UV_OVRDE bit is set to 1.
Register E5h
Supply overrides/status 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R230 (E6h)
GPIO Pin
Status
15
1
1
Unused
Never reset.
14
1
1
Unused
Never reset.
13
1
1
Unused
Never reset.
12
GP12_LVL
0
Logic level of GPIO12 pin
Input-
Reads the logic level of GPIO pin
Writing ‘0’ clears GP12_EINT
Output-
Write sets the value to drive the GPIO pin
11
GP11_LVL
0
Logic level of GPIO11 pin
Input-
Reads the logic level of GPIO pin
Writing ‘0’ clears GP11_EINT
Output-
Write sets the value to drive the GPIO pin
10
GP10_LVL
0
Logic level of GPIO10 pin
Input-
Reads the logic level of GPIO pin
Writing ‘0’ clears GP10_EINT
Output-
Write sets the value to drive the GPIO pin
9
GP9_LVL
0
Logic level of GPIO9 pin
Input-
Reads the logic level of GPIO pin
Writing ‘0’ clears GP9_EINT
Output-
Write sets the value to drive the GPIO pin
8
GP8_LVL
0
Logic level of GPIO8 pin
Input-
Reads the logic level of GPIO pin
Writing ‘0’ clears GP8_EINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com