Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 309 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 309 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 305Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 306Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 307Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 308Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 309Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 310Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 311Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 312Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 313Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
309
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0xb1011_110010 (-4.218750)
Protected by security key.
Register DAh
RTC Tick Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R219 (DBh)
Security1
15:0
SECURITY[15:0] 0000_0000_0000_0000 The value 0013h needs to be set in this
register to allow write access to the security
locked registers.
Reset by state machine.
Register DBh
Security1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R224 (E0h)
Signal
overrides
11
WALL_FB_GT_BATT_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to
the debounce logic when the
ANALOG_OVRDE bit is set to 1.
10
USB_FB_GT_BATT_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to
the debounce logic when the
ANALOG_OVRDE bit is set to 1.
9
FLL_OK_OVRDE
0
0 = normal operation
1 = Overrides the FLL_OK
8
DEB_TICK_OVRDE
0
Overrides the ticks in the debounce block
0 = normal
1 = All ticks are overwritten with 16KHz
ticks
7
UVLO_B_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to
the debounce logic when the
ANALOG_OVRDE bit is set to 1.
6
RTC_ALARM_OVRDE
0
Override for RTC_ALARM signal
0 = normal
1 = Alarm = 1
3
LINE_GT_BATT_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to
the debounce logic when the
ANALOG_OVRDE bit is set to 1.
2
LINE_GT_VRTC_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to
the debounce logic when the
ANALOG_OVRDE bit is set to 1.
1
USB_GT_LINE_OVRDE
0
Readback of the raw signal value.
Allow direct control of this signal's input to
the debounce logic when the
ANALOG_OVRDE bit is set to 1.
0
BATT_GT_USB_OVRDE
0
[No description available]
Register E0h
Signal overrides



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com