Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 308 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 308 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 304Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 305Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 306Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 307Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 308Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 309Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 310Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 311Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 312Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
308
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R216 (D8h)
Main
Bandgap
Control
15
MBG_LOAD_FUSES
0
Enables the current to the bandgap trim fuses.
This must be set to 1 when writing the fuses. To
read the trim value held in the fuse, this bit must
be set and then reset.
Register D8h
Main Bandgap Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R217 (D9h)
OSC Control
15
OSC_LOAD_FUSES
0
Enables the current to the bandgap trim fuses.
This must be set to 1 when writing the fuses. To
read the trim value, this bit must be set and then
reset.
Protected by security key.
Register D9h
OSC Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R218 (DAh)
RTC Tick
Control
15
RTC_TICK_ENA
1
Enable RTC counting (instruction only)
0 = disabled
1 = enabled
Protected by security key. Reset by state machine.
Default held in metal mask.
14
RTC_TICKSTS
0
Status of tick request. This bit can be used to
ensure the RTC is using the value of
RTC_TICK_ENA.
0 = disabled
1 = enabled
Protected by security key.
13
RTC_CLKSRC
0
RTC 32Khz clock source.
0 = take 32Khz from 32K OSC
1 = take 32Khz from GPIOx (Alternative GPIO
function)
Protected by security key. Reset by state machine.
Default held in metal mask.
12
OSC32K_ENA
1
On chip 32Khz OSC enable
0 = disable
1 = enable
Protected by security key. Reset by state machine.
Default held in metal mask.
9:0
RTC_TRIM[9:0] 00_0000_0000 RTC frequency trim. Used to adjust the count
value of the Tick Gen block to compensate for
crystal inaccuracies. RTC frequency trim is a 10bit
fixed point <4,6> 2's complement number. MSB
Scaling = -8Hz. The register indicates the error (in
Hz) with respect to the ideal 32768Hz) of the input
crystal frequency. e.g.:
Actual crystal freq: 32769.00Hz: Required trim
0xb0001_000000 (+1.000000)
Actual crystal freq: 32767.00Hz: Required trim
0xb1111_000000 (-1.000000)
Actual crystal freq: 32775.58Hz: Required trim
0xb0111_100101 (+7.578125)
Actual crystal freq: 32763.78Hz: Required trim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com