| Electronic Components Datasheet Search |
|
WM8351 Datasheet(PDF) 312 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8351 Datasheet(HTML) 312 Page - Wolfson Microelectronics plc |
|
312 / 330 page ![]() WM8351 Production Data w PD, April 2012, Rev 4.5 312 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO bit is set to 1. 2 CHIP_GT115_OVRDE 0 Readback of the raw signal value. Allow direct control of this signal's input to the debounce logic when the ANALOG_OVRDE bit is set to 1. 1 CHIP_GT140_OVRDE 0 Readback of the raw signal value. Allow direct control of this signal's input to the debounce logic when the ANALOG_OVRDE bit is set to 1. Register E3h misc overrides REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R228 (E4h) Supply overrides/status 1 3 OVRV_DC4_OVRDE 0 Readback of the raw signal value. Allow direct control of this signal's input to the debounce logic when the CONVERTER_OV_OVRDE bit is set to 1. 2 OVRV_DC3_OVRDE 0 Readback of the raw signal value. Allow direct control of this signal's input to the debounce logic when the CONVERTER_OV_OVRDE bit is set to 1. 0 OVRV_DC1_OVRDE 0 Readback of the raw signal value. Allow direct control of this signal's input to the debounce logic when the CONVERTER_OV_OVRDE bit is set to 1. Register E4h Supply overrides/status 1 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R229 (E5h) Supply overrides/status 2 15 OVCR_LS_OVRDE 0 Readback of the raw signal value. Allow direct control of this signal's input to the debounce logic when the CONVERTER_OC_OVRDE bit is set to 1. 11 UNDV_LDO4_OVRDE 0 Readback of the raw signal value. Allow direct control of this signal's input to the debounce logic when the CONVERTER_UV_OVRDE bit is set to 1. 10 UNDV_LDO3_OVRDE 0 Readback of the raw signal value. Allow direct control of this signal's input to the debounce logic when the CONVERTER_UV_OVRDE bit is set to 1. 9 UNDV_LDO2_OVRDE 0 Readback of the raw signal value. Allow direct control of this signal's input to the debounce logic when the CONVERTER_UV_OVRDE bit is set to 1. 8 UNDV_LDO1_OVRDE 0 Readback of the raw signal value. Allow direct control of this signal's input to the debounce logic when the CONVERTER_UV_OVRDE bit is set to 1. 3 UNDV_DC4_OVRDE 0 Readback of the raw signal value. Allow direct control of this signal's input to the debounce logic when the CONVERTER_UV_OVRDE bit is set to 1. 2 UNDV_DC3_OVRDE 0 Readback of the raw signal value. Allow direct control of this signal's input to the |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |