| Electronic Components Datasheet Search |
|
WM8352 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8352 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc |
|
43 / 336 page ![]() Production Data WM8352 w PD, February 2011, Rev 4.4 43 11.5 4-WIRE SERIAL CONTROL MODE The 4-wire control interface uses the CSB, SCLK, SDATA and SDOUT pins, which are referenced to the digital buffer supply, DBVDD. (In 4-wire mode, SDOUT is provided on GPIO6; CSB is provided on GPIO7.) 4-wire control mode is selected by setting SPI_3WIRE = 1 and SPI_4WIRE = 1. The Data Output pin, SDOUT, can be configured as CMOS or Open Drain, as described in Table 1. In CMOS mode, SDOUT is driven low when not outputting register data bits. In Open Drain mode, SDOUT is undriven when not outputting register data bits. In Write operations (R/W=0), this mode is the same as 3-wire mode described above. In Read operations (R/W=1), the SDATA pin is ignored following receipt of the valid register address. SDOUT is driven by the WM8352. The 4-wire control mode timing is illustrated in Figure 31 and Figure 32. R/W A6 A5 A4 A3 A2 A1 A0 SDATA SCLK CSB control register address control register data bits (READ/WRITE) SDOUT B15 B14 B13 B12 B11 B10 B9 B8 B0 B7 B6 B5 B4 B3 B2 B1 B15 B14 B13 B12 B11 B10 B9 B8 B0 B7 B6 B5 B4 B3 B2 B1 Figure 31 4-Wire Readback (CMOS) A6 A5 A4 A3 A2 A1 A0 SDATA SCLK CSB control register address control register data bits (READ/WRITE) SDOUT undriven B15 B14 B13 B12 B11 B10 B9 B8 B0 B7 B6 B5 B4 B3 B2 B1 B15 B14 B13 B12 B11 B10 B9 B8 B0 B7 B6 B5 B4 B3 B2 B1 ud R/W Figure 32 4-Wire Readback (Open Drain) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |