Electronic Components Datasheet Search
  English  ▼

X  

WM8352 Datasheet(PDF) 177 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 177 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 178Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 179Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 180Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 181Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
177
19.6 DIGITAL COMPARATORS
The WM8352 has four digital comparators which may be used to compare AUXADC measurement
data against programmable threshold values. Each comparator has an associated interrupt flag, as
described in Section 19.7, which indicates that the associated data is beyond the threshold value.
The digital comparators are enabled using the DCMPn_ENA register bits as described in Table 119.
The source data for each comparator is selected using the DCMPn_SRCSEL register bits; this
selects one of the eight AUXADC channels for each comparator. Note that, if required, the same
AUXADC channel may be selected for more than one comparator; this would allow more than one
threshold to be monitored on the same AUXADC channel.
The DCMPn_GT register bits select whether an interrupt will be indicated when the measured value
is above the threshold or when the measured value is below the threshold.
The threshold DCMPn_THR is a 12-bit code for each comparator. This field follows the same voltage
scaling and voltage reference as the associated AUXADC channel source.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch)
Power Mgmt (5)
or
R163 (A3h)
Generic
Comparator
Control
3
DCMP4_ENA
0
Digital comparator 4 enable
0 = disabled
1 = enabled
2
DCMP3_ENA
0
Digital comparator 3 enable
0 = disabled
1 = enabled
1
DCMP2_ENA
0
Digital comparator 2 enable
0 = disabled
1 = enabled
0
DCMP1_ENA
0
Digital comparator 1 enable
0 = disabled
1 = enabled
R164 (A4h)
Generic
comparator 1
R165 (A5h)
Generic
Comparator 2
R166 (A6h)
Generic
Comparator 3
R167 (A7h)
Generic
Comparator 4
15:13
DCMPn_SRCS
EL [2:0]
000
DCOMPn source select.
000 = AUX1
001 = AUX2
010 = AUX3
011 = AUX4
100 = USB
101 = LINE
110 = BATT
111 = TEMP
12
DCMPn_GT
0
DCOMPn interrupt control
0 = interrupt when the source is
less than threshold
1 = interrupt when the source is
greater than threshold
11:0
DCMPn_THR
[11:0]
000h
DCOMPn threshold
(12-bit unsigned binary number)
Note: n is a number between 1 and 4 that identifies the individual comparator
Note: The Comparator Enable bits can each be accessed through two separate control registers.
Reading from or writing to either register location has the same effect.
Table 119 AUXADC Digital Comparator Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com