Electronic Components Datasheet Search
  English  ▼

X  

WM8352 Datasheet(PDF) 182 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 182 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 178Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 179Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 180Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 181Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 182Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 183Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 184Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 185Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 186Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
182
20.2 GPIO ALTERNATE FUNCTIONS
20.2.1
LIST OF ALTERNATE FUNCTIONS
The following alternate functions are available.
ALTERNATE
FUNCTION NAME
INPUT /
OUTPUT
DESCRIPTION
ADCLRCLK
Input
Alternate Left/Right clock for CODEC ADC digital interface.
When this function is selected, the LRCLK pin supports the
DAC interface only, and GPIO5 provides the ADC digital
interface L/R clock. See Section 12.
ADCBCLK
Input
Alternate BCLK for CODEC ADC digital interface. When
this function is selected, the BCLK pin supports the DAC
interface only, and GPIO6 or GPIO8 provides the ADC
digital interface BCLK signal. See Section 12.
CHIP_RESET
Input
Logic input to reset the Chip. When this input is asserted,
the chip performs a full reset and re-starts in accordance
with the current config mode settings.
Note that CHIP_RESET_ENA in register R3 should be set
to 1 when using CHIP_RESET as alternative GPIO
function.
CSB
Input
3-/4-wire Control Interface Chip Select pin (CSB). Note that
this function is selected automatically on GPIO7 when 3-/4-
wire mode is selected, ie. regardless of the GP7_FN
control field. See Section 11.
FLASH
Input
Hardware trigger for flash function on ISINKA or ISINKB.
This function is rising edge triggered. The Current Sink
must be in Flash mode, and with the trigger set to GPIO.
See Section 16.
HIBERNATE
(Level)
Input
Logic input to place the chip into hibernate. The behaviour
of some components of the WM8352 in Hibernate mode is
configurable. See Section 14.
This “level triggered” input is deemed to be asserted for as
long as it is logic 1 (or logic 0 if the polarity is inverted).
HIBERNATE
(Edge)
Input
Logic input to place the chip into hibernate. The behaviour
of some components of the WM8352 in Hibernate mode is
configurable. See Section 14.
When the “edge triggered” input is used, Hibernate is
selected when a rising edge occurs (or a falling edge if the
polarity is inverted). After Hibernate has been selected by
this method, a “StartUp” event (see Section 14.3.1) is
required to exit from Hibernate.
HEARTBEAT
Input
Input to Watchdog function, rising edge triggered. See
Section 23.
/LDO_ENA
Input
Enable signal for LDO1. See Section 14.7.4.
L_PWR1
Input
Logic input used to place DC-DC Converters or LDOs into
a Low Power state. See Section 14.
L_PWR2
Input
Logic input used to place DC-DC Converters or LDOs into
a Low Power state. See Section 14.
L_PWR3
Input
Logic input used to place DC-DC Converters or LDOs into
a Low Power state. See Section 14.
MASK
Input
Mask input to AUXADC. This input may be used either to
block all inputs to the AUXADC, or to initiate A-D
Conversions. See Section 19.
/MR
Input
Logic input used to drive the /RST pin and the /RST and
/MEMRST (GPIO outputs) low. Note that this input has no
other effect on internal circuits. See Section 14.
PWR_OFF
Input
Logic input signal causes a controlled shutdown of the
WM8352. See Section 14.
PWR_ON
Input
Power on input signal from processor (input switching
threshold 1.0V). See Section 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com