Electronic Components Datasheet Search
  English  ▼

X  

CY8C54LP Datasheet(PDF) 41 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 41 Page - Cypress Semiconductor

Back Button CY8C54LP Datasheet HTML 37Page - Cypress Semiconductor CY8C54LP Datasheet HTML 38Page - Cypress Semiconductor CY8C54LP Datasheet HTML 39Page - Cypress Semiconductor CY8C54LP Datasheet HTML 40Page - Cypress Semiconductor CY8C54LP Datasheet HTML 41Page - Cypress Semiconductor CY8C54LP Datasheet HTML 42Page - Cypress Semiconductor CY8C54LP Datasheet HTML 43Page - Cypress Semiconductor CY8C54LP Datasheet HTML 44Page - Cypress Semiconductor CY8C54LP Datasheet HTML 45Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Document Number: 001-84934 Rev. **
Page 41 of 117
Independent of the ALU operation, these functions are available:
Shift left
Shift right
Nibble swap
Bitwise OR mask
7.2.2.3
Conditionals
Each datapath has two compares, with bit masking options.
Compare operands include the two accumulators and the two
data registers in a variety of configurations. Other conditions
include zero detect, all ones detect, and overflow. These
conditions are the primary datapath outputs, a selection of which
can be driven out to the UDB routing matrix. Conditional
computation can use the built in chaining to neighboring UDBs
to operate on wider data widths without the need to use routing
resources.
7.2.2.4
Variable MSB
The most significant bit of an arithmetic and shift function can be
programmatically specified. This supports variable width CRC
and PRS functions, and in conjunction with ALU output masking,
can implement arbitrary width timers, counters and shift blocks.
7.2.2.5
Built in CRC/PRS
The datapath has built in support for single cycle Cyclic
Redundancy Check (CRC) computation and Pseudo Random
Sequence (PRS) generation of arbitrary width and arbitrary
polynomial. CRC/PRS functions longer than 8 bits may be
implemented in conjunction with PLD logic, or built in chaining
may be use to extend the function into neighboring UDBs.
7.2.2.6
Input/Output FIFOs
Each datapath contains two four-byte deep FIFOs, which can be
independently configured as an input buffer (system bus writes
to the FIFO, datapath internal reads the FIFO), or an output
buffer (datapath internal writes to the FIFO, the system bus reads
from the FIFO). The FIFOs generate status that are selectable
as datapath outputs and can therefore be driven to the routing,
to interact with sequencers, interrupts, or DMA.
Figure 7-5. Example FIFO Configurations
7.2.2.7
Chaining
The datapath can be configured to chain conditions and signals
such as carries and shift data with neighboring datapaths to
create higher precision arithmetic, shift, CRC/PRS functions.
7.2.2.8
Time Multiplexing
In applications that are over sampled, or do not need high clock
rates, the single ALU block in the datapath can be efficiently
shared with two sets of registers and condition generators. Carry
and shift out data from the ALU are registered and can be
selected as inputs in subsequent cycles. This provides support
for 16-bit functions in one (8-bit) datapath.
7.2.2.9
Datapath I/O
There are six inputs and six outputs that connect the datapath to
the routing matrix. Inputs from the routing provide the
configuration for the datapath operation to perform in each cycle,
and the serial data inputs. Inputs can be routed from other UDB
blocks, other device peripherals, device I/O pins, and so on. The
outputs to the routing can be selected from the generated
conditions, and the serial data outputs. Outputs can be routed to
other UDB blocks, device peripherals, interrupt and DMA
controller, I/O pins, and so on.
7.2.3 Status and Control Module
The primary purpose of this circuitry is to coordinate CPU
firmware interaction with internal UDB operation.
Figure 7-6. Status and Control Registers
The bits of the control register, which may be written to by the
system bus, are used to drive into the routing matrix, and thus
provide firmware with the opportunity to control the state of UDB
processing. The status register is read-only and it allows internal
UDB state to be read out onto the system bus directly from
internal routing. This allows firmware to monitor the state of UDB
processing. Each bit of these registers has programmable
connections to the routing matrix and routing connections are
made depending on the requirements of the application.
7.2.3.1
Usage Examples
As an example of control input, a bit in the control register can
be allocated as a function enable bit. There are multiple ways to
enable a function. In one method the control bit output would be
routed to the clock control block in one or more UDBs and serve
as a clock enable for the selected UDB blocks. A status example
is a case where a PLD or datapath block generated a condition,
such as a “compare true” condition that is captured and latched
by the status register and then read (and cleared) by CPU
firmware.
System Bus
F0
F1
System Bus
A0/A1/ALU
D0/D1
A0/A1/ALU
System Bus
F1
A0/A1/ALU
F0
D0
System Bus
F1
A0
D1
A1
F0
TX/RX
Dual Capture
Dual Buffer
Routing Channel
8-bit Status Register
(Read Only)
8-bit Control Register
(Write/Read)
System Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com