Electronic Components Datasheet Search
  English  ▼

X  

CY8C54LP Datasheet(PDF) 91 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 91 Page - Cypress Semiconductor

Back Button CY8C54LP Datasheet HTML 87Page - Cypress Semiconductor CY8C54LP Datasheet HTML 88Page - Cypress Semiconductor CY8C54LP Datasheet HTML 89Page - Cypress Semiconductor CY8C54LP Datasheet HTML 90Page - Cypress Semiconductor CY8C54LP Datasheet HTML 91Page - Cypress Semiconductor CY8C54LP Datasheet HTML 92Page - Cypress Semiconductor CY8C54LP Datasheet HTML 93Page - Cypress Semiconductor CY8C54LP Datasheet HTML 94Page - Cypress Semiconductor CY8C54LP Datasheet HTML 95Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Document Number: 001-84934 Rev. **
Page 91 of 117
Figure 11-57. VDAC Step Response, Codes 0x40 - 0xC0, 1 V
Mode, Fast Mode, VDDA = 5 V
Figure 11-58. VDAC Glitch Response, Codes 0x7F - 0x80, 1 V
Mode, Fast Mode, VDDA = 5 V
Figure 11-59. VDAC PSRR vs Frequency
Figure 11-60. VDAC Voltage Noise, 1 V Mode, Fast Mode,
VDDA = 5 V
0.6
0.8
1
0
0.2
0.4
00.511.5
2
Time, μs
20
30
40
50
0
10
0.1
1
10
100
1000
Frequency, kHz
4 V, code 0x7F
4 V, code 0xFF
1000
10000
100000
Voltage Noise is proportional to Scale * Code
10
100
0.01
0.1
1
10
100
1000
Frequency, kHz
Code 0xFF
Code 0x40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com