Electronic Components Datasheet Search
  English  ▼

X  

CY8C54LP Datasheet(PDF) 82 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 82 Page - Cypress Semiconductor

Back Button CY8C54LP Datasheet HTML 78Page - Cypress Semiconductor CY8C54LP Datasheet HTML 79Page - Cypress Semiconductor CY8C54LP Datasheet HTML 80Page - Cypress Semiconductor CY8C54LP Datasheet HTML 81Page - Cypress Semiconductor CY8C54LP Datasheet HTML 82Page - Cypress Semiconductor CY8C54LP Datasheet HTML 83Page - Cypress Semiconductor CY8C54LP Datasheet HTML 84Page - Cypress Semiconductor CY8C54LP Datasheet HTML 85Page - Cypress Semiconductor CY8C54LP Datasheet HTML 86Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Document Number: 001-84934 Rev. **
Page 82 of 117
Figure 11-32. SAR ADC Noise Histogram, 1000 samples,
700 ksps, Internal Reference No Bypass, VIN = VREF/2
Figure 11-34. SAR ADC Noise Histogram, 1000
samples, 700 ksps, Internal Reference Bypassed,
VIN = VREF/2
Figure 11-33. SR ADC Noise Histogram, 1000 samples,
700 ksps, External Reference, VIN = VREF/2
Notes
38. Based on device characterization (Not production tested).
39. The resistance of the analog global and analog mux bus is high if VDDA ≤ 2.7 V, and the chip is in either sleep or hibernate mode. Use of analog global and analog
mux bus under these conditions is not recommended.
Table 11-22. SAR ADC AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Fclk
SAR clock frequency
1
–
18
MHz
Tc
Conversion time
One conversion requires 18 SAR
clocks. Maximum sample rate is 1
Msps
1
–
18
µs
Startup time[38]
–
–
10
µs
SINAD
Signal-to-noise ratio[38]
68
–
–
dB
THD
Total harmonic distortion[38]
–
–
0.02
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com