Electronic Components Datasheet Search
  English  ▼

X  

CY8C54LP Datasheet(PDF) 64 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 64 Page - Cypress Semiconductor

Back Button CY8C54LP Datasheet HTML 60Page - Cypress Semiconductor CY8C54LP Datasheet HTML 61Page - Cypress Semiconductor CY8C54LP Datasheet HTML 62Page - Cypress Semiconductor CY8C54LP Datasheet HTML 63Page - Cypress Semiconductor CY8C54LP Datasheet HTML 64Page - Cypress Semiconductor CY8C54LP Datasheet HTML 65Page - Cypress Semiconductor CY8C54LP Datasheet HTML 66Page - Cypress Semiconductor CY8C54LP Datasheet HTML 67Page - Cypress Semiconductor CY8C54LP Datasheet HTML 68Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Document Number: 001-84934 Rev. **
Page 64 of 117
IDD[15]
Sleep Mode[16]
CPU = OFF
RTC = ON (= ECO32K ON, in
low-power mode)
Sleep timer = ON (= ILO ON at
1kHz)[17]
WDT = OFF
I2C Wake = OFF
Comparator = OFF
POR = ON
Boost = OFF
SIO pins in single ended input,
unregulated output mode
VDD = VDDIO = 4.5–5.5 V
T = –40 °C
–
1.9
3.1
µA
T = 25 °C
–
2.4
3.6
T = 85 °C
–
5
16
VDD = VDDIO = 2.7–3.6 V
T = –40 °C
–
1.7
3.1
T = 25 °C
–
2
3.6
T = 85 °C
–
4.2
16
VDD = VDDIO = 1.71–1.95 V T = –40 °C
–
1.6
3.1
T = 25 °C
–
1.9
3.6
T = 85 °C
–
4.2
16
Comparator = ON
CPU = OFF
RTC = OFF
Sleep timer = OFF
WDT = OFF
I2C Wake = OFF
POR = ON
Boost = OFF
SIO pins in single ended input,
unregulated output mode
VDD = VDDIO = 2.7–3.6V
T = 25 °C
–
3
4.2
µA
I2C Wake = ON
CPU = OFF
RTC = OFF
Sleep timer = OFF
WDT = OFF
Comparator = OFF
POR = ON
Boost = OFF
SIO pins in single ended input,
unregulated output mode
VDD = VDDIO = 2.7–3.6V
T = 25 °C
–
1.7
3.6
µA
Hibernate Mode[18]
Hibernate mode current
All regulators and oscillators off.
SRAM retention
GPIO interrupts are active
Boost = OFF
SIO pins in single ended input,
unregulated output mode
VDD = VDDIO = 4.5–5.5 V T = –40 °C
–
0.2
2
µA
T = 25 °C
–
0.24
2
T = 85 °C
–
2.6
15
VDD = VDDIO = 2.7–3.6 V T = –40 °C
–
0.11
2
T = 25 °C
–
0.3
2
T = 85 °C
–
2
15
VDD = VDDIO = 1.71–1.95 V T = –40 °C
–
0.9
2
T = 25 °C
–
0.11
2
T = 85 °C
–
1.8
15
IDDAR
Analog current consumption while
device is reset[19]
VDDA ≤ 3.6 V
–
0.3
0.6
mA
VDDA > 3.6 V
–
1.4
3.3
mA
IDDDR
Digital current consumption while
device is reset[19]
VDDD ≤ 3.6 V
–
1.1
3.1
mA
VDDD > 3.6 V
–
0.7
3.1
mA
IDD_PROG Current consumption while device
programming. Sum of digital,
analog, and I/Os: IDDD + IDDA +
IDDIOX
–15
21
mA
Table 11-2. DC Specifications
(continued)
Parameter
Description
Conditions
Min
Typ
Max
Units
Notes
16. If VCCD and VCCA are externally regulated, the voltage difference between VCCD and VCCA must be less than 50 mV.
17. Sleep timer generates periodic interrupts to wake up the CPU. This specification applies only to those times that the CPU is off.
18. If VCCD and VCCA are externally regulated, the voltage difference between VCCD and VCCA must be less than 50 mV.
19. Based on device characterization (Not production tested). USBIO pins tied to ground (VSSD).
20. Based on device characterization (not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com