Electronic Components Datasheet Search
  English  ▼

X  

CY8C54LP Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C54LP Datasheet HTML 1Page - Cypress Semiconductor CY8C54LP Datasheet HTML 2Page - Cypress Semiconductor CY8C54LP Datasheet HTML 3Page - Cypress Semiconductor CY8C54LP Datasheet HTML 4Page - Cypress Semiconductor CY8C54LP Datasheet HTML 5Page - Cypress Semiconductor CY8C54LP Datasheet HTML 6Page - Cypress Semiconductor CY8C54LP Datasheet HTML 7Page - Cypress Semiconductor CY8C54LP Datasheet HTML 8Page - Cypress Semiconductor CY8C54LP Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Programmable System-on-Chip (PSoC®)
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose, CA 95134-1709
•
408-943-2600
Document Number: 001-84934 Rev. **
Revised December 7, 2012
General Description
With its unique array of configurable blocks, PSoC® 5LP is a true system level solution providing microcontroller unit (MCU), memory,
analog, and digital peripheral functions in a single chip. The CY8C54LP family offers a modern method of signal acquisition, signal
processing, and control with high accuracy, high bandwidth, and high flexibility. Analog capability spans the range from thermocouples
(near DC voltages) to ultrasonic signals. The CY8C54LP family can handle dozens of data acquisition channels and analog inputs on
every general-purpose input/output (GPIO) pin. The CY8C54LP family is also a high-performance configurable digital system with
some part numbers including interfaces such as USB, multi-master inter-integrated circuit (I2C), and controller area network (CAN).
In addition to communication interfaces, the CY8C54LP family has an easy to configure logic array, flexible routing to all I/O pins, and
a high-performance 32-bit ARM® Cortex™-M3 microprocessor core. You can easily create system-level designs using a rich library
of prebuilt components and boolean primitives using PSoC® Creator™, a hierarchical schematic design entry tool. The CY8C54LP
family provides unparalleled opportunities for analog and digital bill of materials integration while easily accommodating last minute
design changes through simple firmware updates.
Features
32-bit ARM Cortex-M3 CPU core
DC to 67 MHz operation
Flash program memory, up to 256 KB, 100,000 write cycles,
20-year retention, multiple security features
Up to 32-KB flash error correcting code (ECC) or
configuration storage
Up to 64 KB SRAM
2-KB electrically erasable programmable read-only memory
(EEPROM) memory, 1 M cycles, and 20 years retention
24-channel direct memory access (DMA) with multilayer
AHB[1] bus access
• Programmable chained descriptors and priorities
• High bandwidth 32-bit transfer support
Low voltage, ultra low power
Wide operating voltage range: 0.5 V to 5.5 V
High efficiency boost regulator from 0.5 V input to 1.8 V to
5.0 V output
3.1 mA at 6 MHz
Low power modes including:
• 2-µA sleep mode with real time clock (RTC) and
low-voltage detect (LVD) interrupt
• 300-nA hibernate mode with RAM retention
Versatile I/O system
28 to 72 I/Os (62 GPIOs, 8 SIOs, 2 USBIOs[2])
Any GPIO to any digital or analog peripheral routability
LCD direct drive from any GPIO, up to 46x16 segments
CapSense® support from any GPIO[3]
1.2 V to 5.5 V I/O interface voltages, up to 4 domains
Maskable, independent IRQ on any pin or port
Schmitt-trigger transistor-transistor logic (TTL) inputs
All GPIOs configurable as open drain high/low,
pull-up/pull-down, High-Z, or strong output
Configurable GPIO pin state at power-on reset (POR)
25 mA sink on SIO
Digital peripherals
20 to 24 programmable logic device (PLD) based universal
digital blocks (UDBs)
Full CAN 2.0b 16 RX, 8 TX buffers[2]
Full-Speed (FS) USB 2.0 12 Mbps using internal oscillator[2]
Up to four 16-bit configurable timer, counter, and PWM blocks
Library of standard peripherals
• 8-, 16-, 24-, and 32-bit timers, counters, and PWMs
• Serial peripheral interface (SPI), universal asynchronous
transmitter receiver (UART), and I2C
• 50Many others available in catalog
Library of advanced peripherals
• Cyclic redundancy check (CRC)
• Pseudo random sequence (PRS) generator
• Local interconnect network (LIN) bus 2.0
• Quadrat]ure decoder
Analog peripherals (1.71 V
≤ VDDA ≤ 5.5 V)
1.024 V ± 0.1% internal voltage reference across –40 °C to
+85 °C
Successive approximation register (SAR)
analog-to-digital
converter (ADC), 12-bit at 1 Msps
Two 8-bit 8 Msps current digital-to-analog converters (DAC)
(IDACs) or 1 Msps voltage DACs (VDACs)
Four comparators with 95-ns response time
Two uncommitted opamps with 25-mA drive capability
Two configurable multifunction analog blocks. Example
configurations are programmable gain amplifier (PGA),
transimpedance amplifier (TIA), mixer, and sample and hold
CapSense support
Programming, debug, and trace
JTAG (4-wire), serial wire debug (SWD) (2-wire), single-wire
viewer (SWV), and TRACEPORT interfaces
Cortex-M3 flash patch and breakpoint (FPB) block
Cortex-M3 Embedded Trace Macrocell™ (ETM™)
generates an instruction trace stream.
Cortex-M3 data watchpoint and trace (DWT) generates data
trace information
Cortex-M3 instrumentation trace macrocell (ITM) can be
used for printf-style debugging
DWT, ETM, and ITM blocks communicate with off-chip debug
and trace systems via the SWV or TRACEPORT
Bootloader programming supportable through I2C, SPI,
UART, USB, and other interfaces
Precision, programmable clocking
3- to 62-MHz internal oscillator over full temperature and
voltage range
4- to 25-MHz crystal oscillator for crystal PPM accuracy
Internal PLL clock generation up to 67 MHz
32.768-kHz watch crystal oscillator
Low power internal oscillator at 1, 33, and 100 kHz
Temperature and packaging
-40°C to +85°C degrees industrial temperature
68-pin QFN and 100-pin TQFP package options
Notes
1. AHB – AMBA (advanced microcontroller bus architecture) high-performance bus, an ARM data transfer bus
2. This feature on select devices only. See Ordering Information on page 110 for details.
3. GPIOs with opamp outputs are not recommended for use with CapSense


Similar Part No. - CY8C54LP

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
4Mb / 105P
Programmable System-on-Chip (PSoC짰)
CY8C54 CYPRESS-CY8C54 Datasheet
3Mb / 105P
Programmable System-on-Chip (PSoC) DC to 67 MHz operation
logo
Infineon Technologies A...
CY8C5465AXA INFINEON-CY8C5465AXA Datasheet
7Mb / 140P
Programmable System-on-Chip (PSoC®)
November 27, 2019
CY8C5465AXA-LP INFINEON-CY8C5465AXA-LP Datasheet
7Mb / 140P
Programmable System-on-Chip (PSoC®)
November 27, 2019
More results

Similar Description - CY8C54LP

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
PSoC짰 Programmable System-on-Chip?
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
PSoC짰 Programmable System-on-Chip
CY8C32 CYPRESS-CY8C32_12 Datasheet
4Mb / 122P
Programmable System-on-Chip (PSoC짰)
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
PSoC짰 Programmable System-on-Chip?
CY8C34 CYPRESS-CY8C34_13 Datasheet
3Mb / 130P
Programmable System-on-Chip (PSoC짰)
CY8C56LP CYPRESS-CY8C56LP_13 Datasheet
3Mb / 120P
Programmable System-on-Chip (PSoC짰)
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com