Electronic Components Datasheet Search
  English  ▼

X  

CY8C54LP Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CY8C54LP Datasheet HTML 10Page - Cypress Semiconductor CY8C54LP Datasheet HTML 11Page - Cypress Semiconductor CY8C54LP Datasheet HTML 12Page - Cypress Semiconductor CY8C54LP Datasheet HTML 13Page - Cypress Semiconductor CY8C54LP Datasheet HTML 14Page - Cypress Semiconductor CY8C54LP Datasheet HTML 15Page - Cypress Semiconductor CY8C54LP Datasheet HTML 16Page - Cypress Semiconductor CY8C54LP Datasheet HTML 17Page - Cypress Semiconductor CY8C54LP Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Document Number: 001-84934 Rev. **
Page 14 of 117
4.3.4 Transaction Modes Supported
The flexible configuration of each DMA channel and the ability to
chain multiple channels allow the creation of both simple and
complex use cases. General use cases include, but are not
limited to:
4.3.4.1
Simple DMA
In a simple DMA case, a single TD transfers data between a
source and sink (peripherals or memory location). The basic
timing diagrams of DMA read and write cycles are shown in
Figure 4-2. For more description on other transfer modes, refer
to the Technical Reference Manual.
Figure 4-2. DMA Timing Diagram
4.3.4.2
Auto Repeat DMA
Auto repeat DMA is typically used when a static pattern is
repetitively read from system memory and written to a peripheral.
This is done with a single TD that chains to itself.
4.3.4.3
Ping Pong DMA
A ping pong DMA case uses double buffering to allow one buffer
to be filled by one client while another client is consuming the
data previously received in the other buffer. In its simplest form,
this is done by chaining two TDs together so that each TD calls
the opposite TD when complete.
4.3.4.4
Circular DMA
Circular DMA is similar to ping pong DMA except it contains more
than two buffers. In this case there are multiple TDs; after the last
TD is complete it chains back to the first TD.
4.3.4.5
Indexed DMA
In an indexed DMA case, an external master requires access to
locations on the system bus as if those locations were shared
memory. As an example, a peripheral may be configured as an
SPI or I2C slave where an address is received by the external
master. That address becomes an index or offset into the internal
system bus memory space. This is accomplished with an initial
“address fetch” TD that reads the target address location from
the peripheral and writes that value into a subsequent TD in the
chain. This modifies the TD chain on the fly. When the “address
fetch” TD completes it moves on to the next TD, which has the
new address information embedded in it. This TD then carries
out the data transfer with the address location required by the
external master.
4.3.4.6
Scatter Gather DMA
In the case of scatter gather DMA, there are multiple
noncontiguous sources or destinations that are required to
effectively carry out an overall DMA transaction. For example, a
packet may need to be transmitted off of the device and the
packet elements, including the header, payload, and trailer, exist
in various noncontiguous locations in memory. Scatter gather
DMA allows the segments to be concatenated together by using
multiple TDs in a chain. The chain gathers the data from the
multiple locations. A similar concept applies for the reception of
data onto the device. Certain parts of the received data may need
to be scattered to various locations in memory for software
processing convenience. Each TD in the chain specifies the
location for each discrete element in the chain.
4.3.4.7
Packet Queuing DMA
Packet queuing DMA is similar to scatter gather DMA but
specifically refers to packet protocols. With these protocols,
there may be separate configuration, data, and status phases
associated with sending or receiving a packet.
For instance, to transmit a packet, a memory mapped
configuration register can be written inside a peripheral,
specifying the overall length of the ensuing data phase. The CPU
can set up this configuration information anywhere in system
memory and copy it with a simple TD to the peripheral. After the
configuration phase, a data phase TD (or a series of data phase
TDs) can begin (potentially using scatter gather). When the data
phase TD(s) finish, a status phase TD can be invoked that reads
some memory mapped status information from the peripheral
and copies it to a location in system memory specified by the
CPU for later inspection. Multiple sets of configuration, data, and
status phase “subchains” can be strung together to create larger
Table 4-4. Priority Levels
Priority Level
% Bus Bandwidth
0
100.0
1
100.0
2
50.0
3
25.0
4
12.5
56.2
63.1
71.5
CLK
ADDR 16/32
WRITE
DATA
READY
Basic DMA Read Transfer without wait states
AB
DATA (A)
ADDRESS Phase
DATA Phase
AB
ADDRESS Phase
DATA Phase
CLK
WRITE
DATA
READY
DATA (A)
Basic DMA Write Transfer without wait states
ADDR 16/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com