Electronic Components Datasheet Search
  English  ▼

X  

CY8C54LP Datasheet(PDF) 63 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 63 Page - Cypress Semiconductor

Back Button CY8C54LP Datasheet HTML 59Page - Cypress Semiconductor CY8C54LP Datasheet HTML 60Page - Cypress Semiconductor CY8C54LP Datasheet HTML 61Page - Cypress Semiconductor CY8C54LP Datasheet HTML 62Page - Cypress Semiconductor CY8C54LP Datasheet HTML 63Page - Cypress Semiconductor CY8C54LP Datasheet HTML 64Page - Cypress Semiconductor CY8C54LP Datasheet HTML 65Page - Cypress Semiconductor CY8C54LP Datasheet HTML 66Page - Cypress Semiconductor CY8C54LP Datasheet HTML 67Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Document Number: 001-84934 Rev. **
Page 63 of 117
11.2 Device Level Specifications
Specifications are valid for –40 °C
≤ TA ≤ 85 °C and TJ ≤ 100 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted. Unless otherwise specified, all charts and graphs show typical values.
11.2.1 Device Level Specifications
Table 11-2. DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VDDA
Analog supply voltage and input to
analog core regulator
Analog core regulator enabled
1.8
–
5.5
V
VDDA
Analog supply voltage, analog
regulator bypassed
Analog core regulator disabled
1.71
1.8
1.89
V
VDDD
Digital supply voltage relative to
VSSD
Digital core regulator enabled
1.8
–
VDDA[13]
V
VDDD
Digital supply voltage, digital
regulator bypassed
Digital core regulator disabled
1.71
1.8
1.89
V
VDDIO[14]
I/O supply voltage relative to VSSIO
1.71
–
VDDA[13]
V
VCCA
Direct analog core voltage input
(Analog regulator bypass)
Analog core regulator disabled
1.71
1.8
1.89
V
VCCD
Direct digital core voltage input
(Digital regulator bypass)
Digital core regulator disabled
1.71
1.8
1.89
V
Active Mode
IDD[15]
Sum of digital and analog IDDD +
IDDA. IDDIOX for I/Os not included.
IMO enabled, bus clock and CPU
clock enabled. CPU executing
complex program from flash
VDDX = 2.7 V to 5.5 V;
FCPU = 3 MHz
T = –40 °C
–
1.9
3.8
mA
T = 25 °C
–
1.9
3.8
T = 85 °C
–
23.8
VDDX = 2.7 V to 5.5 V;
FCPU = 6 MHz
T = –40 °C
–
3.1
5
T = 25 °C
–
3.1
5
T = 85 °C
–
3.2
5
VDDX = 2.7 V to 5.5 V;
FCPU = 12 MHz
T = –40 °C
–
5.4
7
T = 25 °C
–
5.4
7
T = 85 °C
–
5.6
7
VDDX = 2.7 V to 5.5 V;
FCPU = 24 MHz
T = –40 °C
–
8.9
10.5
T = 25 °C
–
8.9
10.5
T = 85 °C
–
9.1
10.5
VDDX = 2.7 V to 5.5 V;
FCPU = 48 MHz
T = –40 °C
–
15.5
17
T = 25 °C
–
15.4
17
T = 85 °C
–
15.7
17
VDDX = 2.7 V to 5.5 V;
FCPU = 62 MHz
T = –40 °C
–
18
19.5
T = 25 °C
–
18
19.5
T = 85 °C
–
18.5
19.5
Notes
13. The power supplies can be brought up in any sequence however once stable VDDA must be greater than or equal to all other supplies.
14. The VDDIO supply voltage must be greater than the maximum voltage on the associated GPIO pins. Maximum voltage on GPIO pin ≤ VDDIO ≤ VDDA.
15. The current consumption of additional peripherals that are implemented only in programmed logic blocks can be found in their respective datasheets, available in
PSoC Creator, the integrated design environment. To estimate total current, find CPU current at frequency of interest and add peripheral currents for your particular
system from the device datasheet and component datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com