Electronic Components Datasheet Search
  English  ▼

X  

CY8C54LP Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C54LP Datasheet HTML 6Page - Cypress Semiconductor CY8C54LP Datasheet HTML 7Page - Cypress Semiconductor CY8C54LP Datasheet HTML 8Page - Cypress Semiconductor CY8C54LP Datasheet HTML 9Page - Cypress Semiconductor CY8C54LP Datasheet HTML 10Page - Cypress Semiconductor CY8C54LP Datasheet HTML 11Page - Cypress Semiconductor CY8C54LP Datasheet HTML 12Page - Cypress Semiconductor CY8C54LP Datasheet HTML 13Page - Cypress Semiconductor CY8C54LP Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Document Number: 001-84934 Rev. **
Page 10 of 117
VBAT.
Battery supply to boost pump.
VCCA. Output of the analog core regulator or the input to
the analog core.
Requires a 1uF capacitor to VSSA. The
regulator output is not designed to drive external circuits. Note
that if you use the device with an external core regulator
(externally regulated mode), the voltage applied to this pin
must not exceed the allowable range of 1.71 V to 1.89 V.
When using the internal core regulator, (internally regulated
mode, the default), do not tie any power to this pin. For details
see Power System on page 25.
VCCD. Output of the digital core regulator or the input to the
digital core.
The two VCCD pins must be shorted together, with
the trace between them as short as possible, and a 1uF capacitor
to VSSD. The regulator output is not designed to drive external
circuits. Note that if you use the device with an external core
regulator (externally regulated mode), the voltage applied to
this pin must not exceed the allowable range of 1.71 V to
1.89 V.
When using the internal core regulator (internally
regulated mode, the default), do not tie any power to this pin. For
details see Power System on page 25.
VDDA.
Supply for all analog peripherals and analog core
regulator. VDDA must be the highest voltage present on the
device. All other supply pins must be less than or equal to
VDDA.
VDDD.
Supply for all digital peripherals and digital core
regulator. VDDD must be less than or equal to VDDA.
VSSA.
Ground for all analog peripherals.
VSSB.
Ground connection for boost pump.
VSSD.
Ground for all digital logic and I/O pins.
VDDIO0, VDDIO1, VDDIO2, VDDIO3.
Supply for I/O pins. Each
VDDIO must be tied to a valid operating voltage (1.71 V to 5.5 V),
and must be less than or equal to VDDA.
XRES (and configurable XRES)
External reset pin. Active low with internal pull-up. Pin P1[2] may
be configured to be a XRES pin; see “Nonvolatile Latches
(NVLs)” on page 18.
4. CPU
4.1 ARM Cortex-M3 CPU
The CY8C54LP family of devices has an ARM Cortex-M3 CPU
core. The Cortex-M3 is a low power 32-bit three-stage pipelined
Harvard architecture CPU that delivers 1.25 DMIPS/MHz. It is
intended for deeply embedded applications that require fast
interrupt handling features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com