Electronic Components Datasheet Search
  English  ▼

X  

AD73322LAST Datasheet(PDF) 16 Page - Analog Devices

Part # AD73322LAST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322LAST Datasheet(HTML) 16 Page - Analog Devices

Back Button AD73322LAST Datasheet HTML 12Page - Analog Devices AD73322LAST Datasheet HTML 13Page - Analog Devices AD73322LAST Datasheet HTML 14Page - Analog Devices AD73322LAST Datasheet HTML 15Page - Analog Devices AD73322LAST Datasheet HTML 16Page - Analog Devices AD73322LAST Datasheet HTML 17Page - Analog Devices AD73322LAST Datasheet HTML 18Page - Analog Devices AD73322LAST Datasheet HTML 19Page - Analog Devices AD73322LAST Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
REV. 0
AD73322L
–16–
Serial Clock Rate Divider
The AD73322L features a programmable serial clock divider
that allows users to match the serial clock (SCLK) rate of the
data to that of the DSP engine or host processor. The maximum
SCLK rate available is DMCLK and the other available rates
are: DMCLK/2, DMCLK/4 and DMCLK/8. The slowest rate
(DMCLK/8) is the default SCLK rate. The serial clock divider
is programmable by setting bits CRB:2–3. Table VIII shows the
serial clock rate corresponding to the various bit settings.
Table VIII. SCLK Rate Divider Settings
SCD1
SCD0
SCLK Rate
0
0
DMCLK/8
0
1
DMCLK/4
1
0
DMCLK/2
1
1
DMCLK
Sample Rate Divider
The AD73322L features a programmable sample rate divider
that allows users flexibility in matching the codec’s ADC and
DAC sample rates (decimation/interpolation rates) to the needs
of the DSP software. The maximum sample rate available is
DMCLK/256, which offers the lowest conversion group delay,
while the other available rates are: DMCLK/512, DMCLK/
1024 and DMCLK/2048. The slowest rate (DMCLK/2048) is
the default sample rate. The sample rate divider is program-
mable by setting bits CRB:0-1. Table IX shows the sample
rate corresponding to the various bit settings.
Table IX. Sample Rate Divider Settings
DIR1
DIR0
SCLK Rate
0
0
DMCLK/2048
0
1
DMCLK/1024
1
0
DMCLK/512
1
1
DMCLK/256
DAC Advance Register
The loading of the DAC is internally synchronized with the
unloading of the ADC data in each sampling interval. The
default DAC load event happens one SCLK cycle before the
SDOFS flag is raised by the ADC data being ready. However,
this DAC load position can be advanced before this time by
modifying the contents of the DAC advance field in Control
Register E (CRE:0–4). The field is five bits wide, allowing 31
increments of weight 1/(FS
× 32); see Table X. The sample rate
FS is dependent on the setting of both the MCLK divider and
the Sample Rate divider; see Tables VII and IX. In certain cir-
cumstances this DAC update adjustment can reduce the group
delay when the ADC and DAC are used to process data in series.
Appendix C details how the DAC advance feature can be used.
NOTE: The DAC advance register should not be changed while
the DAC section is powered up.
Table X. DAC Timing Control
DA4
DA3
DA2
DA1
DA0
Time Advance
0
0
0
000 s
0
0
0
0
1
1/(FS
× 32) s
0
0
0
1
0
2/(FS
× 32) s
1
1
1
1
0
30/(FS
× 32) s
1
1
1
1
1
31/(FS
× 32) s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com