Electronic Components Datasheet Search
  English  ▼

X  

AD73322LAST Datasheet(PDF) 28 Page - Analog Devices

Part # AD73322LAST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322LAST Datasheet(HTML) 28 Page - Analog Devices

Back Button AD73322LAST Datasheet HTML 24Page - Analog Devices AD73322LAST Datasheet HTML 25Page - Analog Devices AD73322LAST Datasheet HTML 26Page - Analog Devices AD73322LAST Datasheet HTML 27Page - Analog Devices AD73322LAST Datasheet HTML 28Page - Analog Devices AD73322LAST Datasheet HTML 29Page - Analog Devices AD73322LAST Datasheet HTML 30Page - Analog Devices AD73322LAST Datasheet HTML 31Page - Analog Devices AD73322LAST Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
REV. 0
AD73322L
–28–
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFOUT
REFERENCE
AD73322L
VREF
50k
100pF
50k
100pF
50k
50k
REFCAP
0.1 F
0/38dB
PGA
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
Figure 26. Analog Input (DC-Coupled) Using Internal
Amplifiers
In the case of ac coupling, a capacitor is used to couple the
signal to the input of the ADC. The ADC input must be biased
to the internal reference (REFCAP) level which is done by
connecting the input to the REFOUT pin through a 10 k
Ω
resistor as shown in Figure 27.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFOUT
REFERENCE
VREF
100
100
0.1 F
REFCAP
0.1 F
0/38dB
PGA
0.047
F
0.047
F
10k
0.1 F
10k
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
AD73322L
Figure 27. Analog Input (AC-Coupled) Differential
If the ADC is being connected in single-ended mode, the
AD73322L should be programmed for single-ended mode using
the SEEN and INV bits of CRF and the inputs connected as
shown in Figure 28. When operated in single-ended input
mode, the AD73322L can multiplex one of the two inputs to
the ADC input.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFOUT
REFERENCE
0/38dB
PGA
VREF
0.047
F
100
10k
0.1 F
REFCAP
0.1 F
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
AD73322L
Figure 28. Analog Input (AC-Coupled) Single-Ended
If best performance is required from a single-ended source, it
is possible to configure the AD73322L’s input amplifiers as a
single-ended to differential converter as shown in Figure 29.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFOUT
REFERENCE
0/38dB
PGA
50k
100pF
50k
100pF
50k
50k
REFCAP
0.1 F
VREF
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
AD73322L
Figure 29. Single-Ended to Differential Conversion On
Analog Input
Interfacing to an Electret Microphone
Figure 30 details an interface for an electret microphone which
may be used in some voice applications. Electret microphones
typically feature a FET amplifier whose output is accessed on
the same lead which supplies power to the microphone; there-
fore this output signal must be capacitively coupled to remove
the power supply (dc) component. In this circuit the AD73322L
input channel is being used in single-ended mode where the
internal inverting amplifier provides suitable gain to scale the
input signal relative to the ADC’s full-scale input range. The
buffered internal reference level at REFOUT is used via an
external buffer to provide power to the electret microphone.
This provides a quiet, stable supply for the microphone. If this
is not a concern, then the microphone can be powered from the
system power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com