Electronic Components Datasheet Search
  English  ▼

X  

AD73322LAST Datasheet(PDF) 29 Page - Analog Devices

Part # AD73322LAST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322LAST Datasheet(HTML) 29 Page - Analog Devices

Back Button AD73322LAST Datasheet HTML 25Page - Analog Devices AD73322LAST Datasheet HTML 26Page - Analog Devices AD73322LAST Datasheet HTML 27Page - Analog Devices AD73322LAST Datasheet HTML 28Page - Analog Devices AD73322LAST Datasheet HTML 29Page - Analog Devices AD73322LAST Datasheet HTML 30Page - Analog Devices AD73322LAST Datasheet HTML 31Page - Analog Devices AD73322LAST Datasheet HTML 32Page - Analog Devices AD73322LAST Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
REV. 0
AD73322L
–29–
CONTINUOUS
TIME
LOW-PASS
FILTER
VREF
VFBN1
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFCAP
REFOUT
AD73322L
VREF
+6/–15dB
PGA
REFERENCE
0/38dB
PGA
GAIN
1
C1
R2
R1
C2
RB
RA
5V
ELECTRET
PROBE
10 F
CREFCAP
Figure 30. Electret Microphone Interface Circuit
Analog Output
The AD73322L’s differential analog output (VOUT) is produced
by an on-chip differential amplifier. The differential output can
be ac-coupled or dc-coupled directly to a load which can be a
headset or the input of an external amplifier (the specified mini-
mum resistive load on the output section is 150
Ω.) It is possible
to connect the outputs in either a differential or a single-ended
configuration but please note that the effective maximum output
voltage swing (peak to peak) is halved in the case of single-ended
connection. Figure 31 shows a simple circuit providing a differen-
tial output with ac coupling. The capacitors in this circuit (COUT)
are optional; if used, their value can be chosen as follows:
C
fR
OUT
C
LOAD
=
1
2
π
where fC = desired cutoff frequency.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFCAP
REFOUT
REFERENCE
CREFCAP
COUT
COUT
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
AD73322L
RLOAD
Figure 31. Example Circuit for Differential Output
Figure 32 shows an example circuit for providing a single-ended
output with ac coupling. The capacitor of this circuit (COUT) is
not optional if dc current drain is to be avoided.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFCAP
REFOUT
REFERENCE
COUT
0.1 F
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
AD73322L
RLOAD
Figure 32. Example Circuit for Single-Ended Output
Differential to Single-Ended Output
In some applications it may be desirable to convert the full
differential output of the decoder channel to a single-ended
signal. The circuit of Figure 33 shows a scheme for doing this.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFCAP
REFOUT
REFERENCE
VREF
0/38dB
PGA
RLOAD
R I
R I
R F
R F
0.1 F
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
AD73322L
Figure 33. Example Circuit for Differential to Single-
Ended Output Conversion
Digital Interfacing
The AD73322L is designed to easily interface to most common
DSPs. The SCLK, SDO, SDOFS, SDI and SDIFS must be
connected to the DSP’s Serial Clock, Receive Data, Receive
Data Frame Sync, Transmit Data and Transmit Data Frame
Sync pins respectively. The SE pin may be controlled from a
parallel output pin or flag pin such as FL0-2 on the ADSP-21xx
(or XF on the TMS320C5x) or, where SPORT power-down is not
required, it can be permanently strapped high using a suitable
pull-up resistor. The
RESET pin may be connected to the sys-
tem hardware reset structure or it may also be controlled using a
dedicated control line. In the event of tying it to the global sys-
tem reset, it is advisable to operate the device in mixed mode,
which allows a software reset, otherwise there is no convenient
way of resetting the device. Figures 34 and 35 show typical
connections to an ADSP-218x and TMS320C5x respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com