Electronic Components Datasheet Search
  English  ▼

X  

AD73322LAST Datasheet(PDF) 23 Page - Analog Devices

Part # AD73322LAST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322LAST Datasheet(HTML) 23 Page - Analog Devices

Back Button AD73322LAST Datasheet HTML 19Page - Analog Devices AD73322LAST Datasheet HTML 20Page - Analog Devices AD73322LAST Datasheet HTML 21Page - Analog Devices AD73322LAST Datasheet HTML 22Page - Analog Devices AD73322LAST Datasheet HTML 23Page - Analog Devices AD73322LAST Datasheet HTML 24Page - Analog Devices AD73322LAST Datasheet HTML 25Page - Analog Devices AD73322LAST Datasheet HTML 26Page - Analog Devices AD73322LAST Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
REV. 0
AD73322L
–23–
INTERFACING
The AD73322L can be interfaced to most modern DSP engines
using conventional serial port connections and an extra enable
control line. Both serial input and output data use an accompa-
nying frame synchronization signal that is active high one clock
cycle before the start of the 16-bit word or during the last bit of
the previous word if transmission is continuous. The serial clock
(SCLK) is an output from the codec and is used to define the
serial transfer rate to the DSP’s Tx and Rx ports. Two primary
configurations can be used: the first is shown in Figure 14 where
the DSP’s Tx data, Tx frame sync, Rx data and Rx frame sync
are connected to the codec’s SDI, SDIFS, SDO and SDOFS
respectively. This configuration, referred to as indirectly coupled or
nonframe sync loop-back, has the effect of decoupling the trans-
mission of input data from the receipt of output data. The delay
between receipt of codec output data and transmission of input
data for the codec is determined by the DSP’s software latency.
When programming the DSP serial port for this configuration, it
is necessary to set the Rx FS as an input and the Tx FS as an
output generated by the DSP. This configuration is most useful
when operating in mixed mode, as the DSP has the ability to
decide how many words (either DAC or control) can be sent to
the codecs. This means that full control can be implemented
over the device configuration as well as updating the DAC in a
given sample interval.
The second configuration (shown in Figure 15) has the DSP’s
Tx data and Rx data connected to the codec’s SDI and SDO,
respectively, while the DSP’s Tx and Rx frame syncs are con-
nected to the codec’s SDIFS and SDOFS. In this configuration,
referred to as directly coupled or frame sync loop-back, the frame
sync signals are connected together and the input data to the
codec is forced to be synchronous with the output data from the
codec. The DSP must be programmed so that both the Tx FS
and Rx FS are inputs as the codec SDOFS will be input to both.
This configuration guarantees that input and output events occur
simultaneously and is the simplest configuration for operation in
normal Data Mode. Note that when programming the DSP in
this configuration it is advisable to preload the Tx register with
the first control word to be sent before the codec is taken out
of reset. This ensures that this word will be transmitted to coin-
cide with the first output word from the device(s).
TFS
DT
SCLK
DR
RFS
ADSP-21xx
DSP
AD73322L
CODEC
CODEC1
CODEC2
SDIFS
SDI
SCLK
SDO
SDOFS
Figure 14. Indirectly Coupled or Nonframe Sync Loop-
Back Configuration
Cascade Operation
The AD73322L has been designed to support cascading of
codecs from a single DSP serial port (see Figure 27). Cascaded
operation can support mixes of dual or single channel devices
with the maximum number of codec units being eight (the
AD73322L is equivalent to two codec units). The SPORT
interface protocol has been designed so that device addressing is
built into the packet of information sent to the device. This
allows the cascade to be formed with no extra hardware over-
head for control signals or addressing. A cascade can be formed
in either of the two modes previously discussed.
There may be some restrictions in cascade operation due to the
number of devices configured in the cascade and the sampling
rate and serial clock rate chosen. The following relationship
details the restrictions in configuring a codec cascade.
Number of Codecs
× Word Size (16) × Sampling Rate <= Serial
Clock Rate
TFS
DT
SCLK
DR
RFS
ADSP-21xx
DSP
AD73322L
CODEC
CODEC1
CODEC2
SDIFS
SDI
SCLK
SDO
SDOFS
Figure 15. Directly Coupled or Frame Sync Loop-
Back Configuration
When using the indirectly coupled frame sync configuration in
cascaded operation, it is necessary to be aware of the restrictions
in sending data to all devices in the cascade. Effectively the time
allowed is given by the sampling interval (M/DMCLK—where
M can be one of 256, 512, 1024 or 2048), which is 125
µs for a
sample rate of 8 kHz. In this interval, the DSP must transfer
N
× 16 bits of information where N is the number of devices in
the cascade. Each bit will take 1/SCLK and, allowing for any
latency between the receipt of the Rx interrupt and the trans-
mission of the Tx data, the relationship for successful operation
is given by:
M/DMCLK > ((N
× 16/SCLK) + T
INTERRUPT LATENCY)
The interrupt latency will include the time between the ADC
sampling event and the Rx interrupt being generated in the
DSP—this should be 16 SCLK cycles.
As the AD73322L is configured in cascade mode, each device
must know the number of devices in the cascade because the
data and mixed modes use a method of counting input frame
sync pulses to decide when they should update the DAC register
from the serial input register. Control Register A contains a 3-bit
field (DC0-2) that is programmed by the DSP during the pro-
gramming phase. The default condition is that the field contains
000b, which is equivalent to a single device in cascade (see
Table XXI). However, for cascade operation this field must
contain a binary value that is one less than the number of
devices in the cascade, which is 001b for a single AD73322L
device configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com