Electronic Components Datasheet Search
  English  ▼

X  

AD73322LAST Datasheet(PDF) 26 Page - Analog Devices

Part # AD73322LAST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322LAST Datasheet(HTML) 26 Page - Analog Devices

Back Button AD73322LAST Datasheet HTML 22Page - Analog Devices AD73322LAST Datasheet HTML 23Page - Analog Devices AD73322LAST Datasheet HTML 24Page - Analog Devices AD73322LAST Datasheet HTML 25Page - Analog Devices AD73322LAST Datasheet HTML 26Page - Analog Devices AD73322LAST Datasheet HTML 27Page - Analog Devices AD73322LAST Datasheet HTML 28Page - Analog Devices AD73322LAST Datasheet HTML 29Page - Analog Devices AD73322LAST Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
REV. 0
AD73322L
–26–
As the AD73322L can be operated at 8 kHz (see Figure 22) or
16 kHz sampling rates, which make it particularly suited for voice-
band processing, it is important to understand the action of the
interpolator’s Sinc3 response. As was the case with the encoder
section, if the output signal’s frequency response is not bounded
by the Nyquist frequency, it may be necessary to perform some
initial digital filtering to eliminate signal energy above Nyquist
to ensure that it is not imaged at the integer multiples of the
sampling frequency. If the user chooses to bypass the interpo-
lator, perhaps to reduce group delay, images of the original
signal will be generated at integer intervals of the sampling fre-
quency. In this case these images must be removed by external
analog filtering.
FREQUENCY – Hz
0
500
0
–10
–20
–30
–40
–50
–60
1000
1500
2000
2500
3000
3500
4000
–70
–80
–90
–100
Figure 22. FFT (DAC 8 kHz Sampling)
Figure 23 shows the output spectrum of a 1 kHz tone being gener-
ated at an 8 kHz sampling rate with the interpolator bypassed.
FREQUENCY – Hz
0
0.5
0
–20
1.0
1.5
2.0
2.5
3.0
3.5
–100
–10
–30
–40
–50
–60
–70
–80
–90
104
Figure 23. FFT (DAC 8 kHz Sampling—Interpolator
Bypassed)
Decoder Group Delay
The interpolator roll-off is mainly due to its sinc-cubed function
characteristic, which has an inherent group delay given by the
equation:
Group Delay (Interpolator) = Order
× (L – 1)/2) × T
INT
where:
Order is the interpolator order (= 3),
L is the interpolation factor (= 32 @ 64 kHz, = 64 @ 32 kHz,
= 128 @ 16 kHz, = 256 @ 8 kHz) and
TINT is the interpolation sample interval (= 1/2.048e6)
=> Group Delay (Interpolator @ 64 kHz)
= 3
× (32 – 1)/2 × (1/2.048e6)
= 22.7
µs
The analog section has a group delay of approximately 25
µs.
On-Chip Filtering
The primary function of the system filtering’s sinc-cubed (Sinc3)
response is to eliminate aliases or images of the ADCs or DAC’s
resampling, respectively. Both modulators are sampled at a nomi-
nal rate of DMCLK/8 (which is 2.048 MHz for a DMCLK of
16.384 MHz) and the simple, external RC antialias filter is
sufficient to provide the required stopband rejection above the
Nyquist frequency for this sample rate. In the case of the ADC
section, the decimating filter is required to both decrease sample
rate and increase sample resolution. The process of changing
sample rate (resampling) leads to aliases of the original sampled
waveform appearing at integer multiples of the new sample rate.
These aliases would get mapped into the required signal pass-
band without the application of some further antialias filtering.
In the AD73322L, the sinc-cubed response of the decimating
filter creates spectral nulls at integer multiples of the new sample
rate. These nulls coincide with the aliases of the original waveform
which were created by the down-sampling process, therefore
reducing or eliminating the aliasing due to sample rate reduction.
In the DAC section, increasing the sampling rate by interpola-
tion creates images of the original waveform at intervals of the
original sampling frequency. These images may be sufficiently
rejected by external circuitry but the sinc-cubed filter in the
interpolator again nulls the output spectrum at integer intervals
of the original sampling rate which corresponds with the images
due to the interpolation process.
The spectral response of a sinc-cubed filter shows the character-
istic nulls at integer intervals of the sampling frequency. Its
passband characteristic (up to Nyquist frequency) features a
roll-off that continues up to the sampling frequency, where the
first null occurs. In many applications this smooth response will
not give sufficient attenuation of frequencies outside the band of
interest; therefore, it may be necessary to implement a final filter
in the DSP which will equalize the passband roll-off and provide
a sharper transition band and greater stopband attenuation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com