| Electronic Components Datasheet Search |
|
AD73322LAST Datasheet(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD73322LAST Datasheet(HTML) 30 Page - Analog Devices |
|
30 / 40 page ![]() REV. 0 AD73322L –30– TFS DT SCLK DR RFS ADSP-218x DSP AD73322L CODEC SDIFS SDI SCLK SDO SDOFS FL0 FL1 RESET SE Figure 34. AD73322L Connected to ADSP-218x FSX DT CLKX DR FSR TMS320C5x DSP AD73322L CODEC SDIFS SDI SCLK SDO SDOFS XF RESET SE CLKR Figure 35. AD73322L Connected to TMS320C5x Cascade Operation Where it is required to configure a cascade of up to eight codecs (four AD73322L dual codecs), it is necessary to ensure that the timing of the SE and RESET signals is synchronized at each device in the cascade. A simple D type flip flop is sufficient to sync each signal to the master clock MCLK, as in Figure 36. 1/2 74HC74 CLK DQ DSP CONTROL TO SE MCLK SE SIGNAL SYNCHRONIZED TO MCLK 1/2 74HC74 CLK DQ DSP CONTROL TO RESET MCLK RESET SIGNAL SYNCHRONIZED TO MCLK Figure 36. SE and RESET Sync Circuit for Cascaded Operation Connection of a cascade of devices to a DSP, as shown in Fig- ure 37, is no more complicated than connecting a single device. Instead of connecting the SDO and SDOFS to the DSP’s Rx port, these are now daisy-chained to the SDI and SDIFS of the next device in the cascade. The SDO and SDOFS of the final device in the cascade are connected to the DSP’s Rx port to complete the cascade. SE and RESET on all devices are fed from the signals that were synchronized with the MCLK using the circuit as described above. The SCLK from only one device need be connected to the DSP’s SCLK input(s) as all devices will be running at the same SCLK frequency and phase. Grounding and Layout Since the analog inputs to the AD73322L are differential, most of the voltages in the analog modulator are common-mode volt- ages. The excellent common-mode rejection of the part will remove common-mode noise on these inputs. The analog and digital supplies of the AD73322L are independent and separately pinned out to minimize coupling between analog and digital sections of the device. The digital filters on the encoder section will provide rejection of broadband noise on the power supplies, except at integer multiples of the modulator sampling frequency. The digital filters also remove noise from the analog inputs provided the noise source does not saturate the analog modula- tor. However, because the resolution of the AD73322L’s ADC is high, and the noise levels from the AD73322L are so low, care must be taken with regard to grounding and layout. TFS DT DR RFS AD73322L CODEC SDIFS SDI SCLK SDO SDOFS SCLK DEVICE 1 MCLK SE RESET AD73322L CODEC SDIFS SDI SCLK SDO SDOFS DEVICE 2 MCLK SE RESET 74HC74 Q1 Q2 D1 D2 FL0 FL1 ADSP-218x DSP Figure 37. Connection of Two AD73322Ls Cascaded to ADSP-218x |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |