Electronic Components Datasheet Search
  English  ▼

X  

ADV7191 Datasheet(PDF) 40 Page - Analog Devices

Part # ADV7191
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7191 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADV7191 Datasheet HTML 36Page - Analog Devices ADV7191 Datasheet HTML 37Page - Analog Devices ADV7191 Datasheet HTML 38Page - Analog Devices ADV7191 Datasheet HTML 39Page - Analog Devices ADV7191 Datasheet HTML 40Page - Analog Devices ADV7191 Datasheet HTML 41Page - Analog Devices ADV7191 Datasheet HTML 42Page - Analog Devices ADV7191 Datasheet HTML 43Page - Analog Devices ADV7191 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
ADV7190/ADV7191
–40–
REV. 0
Sharpness CONTROL REGISTER (PR)
(Address (SR5–SR0) = 22H)
The sharpness response register is an 8-bit-wide register. The
four MSBs are set to 0. The four LSBs are written to in order to
select a desired filter response. Figure 76 shows the operation
under control of this register.
PR BIT DESCRIPTION
Sharpness Response Value (PR3–PR0)
These four bits are used to select the desired luma filter response.
The option of twelve responses is given supporting a gain boost/
attenuation in the range –4 dB to +4 dB. The value 12 (1100)
written to these four bits corresponds to a boost of +4 dB while
the value 0 (0000) corresponds to –4 dB. For normal operation
these four bits are set to 6 (0110).
Note: Luma Filter Select has to be set to Extended Mode and
Sharpness Filter Enable Control has to be enabled for settings
in the Sharpness Control Register to take effect (MR02–04 =
100; MR74 = 1). See Internal Filter Response section.
Reserved (PR4–PR7)
A Logic 0 must be written to these bits.
PR3 – PR0
SHARPNESS
RESPONSE VALUE
ZERO MUST BE
WRITTEN TO
THESE BITS
PR7 – PR4
PR7
PR6
PR5
PR4
PR3
PR2
PR1
PR0
Figure 76. Sharpness Control Register
DNR REGISTERS 2–0
(DNR 2–DNR 0)
(Address (SR5–SR0) = 23H–25H)
The Digital Noise Reduction Registers are three 8-bit wide
register. They are used to control the DNR processing. See
Digital Noise Reduction section.
Coring Gain Border (DNR00–DNR03)
These four bits are assigned to the gain factor applied to border
areas.
In DNR Mode the range of gain values is 0–1, in increments of
1/8. This factor is applied to the DNR filter output which lies
below the set threshold range. The result is then subtracted
from the original signal.
In DNR Sharpness Mode the range of gain values is 0–0.5, in
increments of 1/16. This factor is applied to the DNR filter out-
put which lies above the threshold range.
The result is added to the original signal.
Coring Gain Data (DNR04–DNR07)
These four bits are assigned to the gain factor applied to the luma
data inside the MPEG pixel block.
In DNR Mode the range of gain values is 0–1, in increments of
1/8. This factor is applied to the DNR filter output which lies
below the set threshold range. The result is then subtracted
from the original signal.
In DNR Sharpness Mode the range of gain values is 0–0.5, in
increments of 1/16. This factor is applied to the DNR filter out-
put which lies above the threshold range. The result is added to
the original signal.
Figures 77 and 78 show the various operations under the control
of DNR Register 0.
DNR07
DNR06
DNR05
DNR04
DNR03
DNR02
DNR01
DNR00
CORING GAIN DATA
DNR DNR DNR DNR
07
06
05
04
0
0
0
0
0
0001
1/16
0010
2/16
0011
3/16
0100
4/16
0101
5/16
0110
6/16
0111
7/16
1000
8/16
CORING GAIN BORDER
DNR DNR DNR DNR
03
02
01
00
0
0
0
0
0
0001
1/16
0010
2/16
0011
3/16
0100
4/16
0101
5/16
0110
6/16
0111
7/16
1000
8/16
Figure 77. DNR Register 0 in Sharpness Mode
CORING GAIN DATA
DNR DNR DNR DNR
07
06
05
04
0
0
0
0
0
0001
1/8
0010
2/8
0011
3/8
0100
4/8
0101
5/8
0110
6/8
0111
7/8
1000
1
CORING GAIN BORDER
DNR DNR DNR DNR
03
02
01
00
0
0
0
0
0
0001
1/8
0010
2/8
0011
3/8
0100
4/8
0101
5/8
0110
6/8
0111
7/8
1000
1
DNR07
DNR06
DNR05
DNR04
DNR03
DNR02
DNR01
DNR00
Figure 78. DNR Register 0 in DNR Mode
DNR1 BIT DESCRIPTION
DNR Threshold (DNR10–DNR15)
These six bits are used to define the threshold value in the range
of 0 to 63. The range is an absolute value.
Border Area (DNR16)
In setting DNR16 to a Logic 1 the block transition area can be
defined to consist of four pixels. If this bit is set to a Logic 0 the
border transition area consists of two pixels, where one pixel
refers to two clock cycles at 27 MHz.
Block Size Control (DNR17)
This bit is used to select the size of the data blocks to be processed
(see Figure 79). Setting the block size control function to a
Logic 1 defines a 16
× 16 pixel data block, a Logic 0 defines an
8
× 8 pixel data block, where one pixel refers to two clock cycles
at 27 MHz.
720
485 PIXELS
(NTSC)
2 PIXEL
BORDER DATA
8
8
PIXEL BLOCK
8
8
PIXEL BLOCK
Figure 79. MPEG Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com