Electronic Components Datasheet Search
  English  ▼

X  

ADV7191 Datasheet(PDF) 49 Page - Analog Devices

Part # ADV7191
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7191 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADV7191 Datasheet HTML 45Page - Analog Devices ADV7191 Datasheet HTML 46Page - Analog Devices ADV7191 Datasheet HTML 47Page - Analog Devices ADV7191 Datasheet HTML 48Page - Analog Devices ADV7191 Datasheet HTML 49Page - Analog Devices ADV7191 Datasheet HTML 50Page - Analog Devices ADV7191 Datasheet HTML 51Page - Analog Devices ADV7191 Datasheet HTML 52Page - Analog Devices ADV7191 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
ADV7190/ADV7191
–49–
REV. 0
Time, tPD, is the time needed by the ADV7190/ADV7191 to
interpolate input data on TTX and insert it onto the CVBS
or Y outputs, such that it appears tSYNTTXOUT = 10.2
µs after the
leading edge of the horizontal signal. Time, TTXDEL, is the pipe-
line delay time by the source that is gated by the TTXREQ signal
in order to deliver TTX data.
With the programmability that is offered with TTXREQ signal
on the Rising/Falling edges, the TTX data is always inserted at
the correct position of 10.2
µs after the leading edge of Horizontal
Sync pulse, which enables a source interface with variable pipe-
line delays.
The width of the TTXREQ signal must always be maintained
so it allows the insertion of 360 (in order to comply with the
Teletext Standard PAL-WST) teletext bits at a text data rate of
6.9375 Mbits/s. This is achieved by setting TC03–TC00 to 0.
The insertion window is not open if the Teletext Enable bit
(MR34) is set to 0.
APPENDIX 5
TELETEXT INSERTION
Teletext Protocol
The relationship between the TTX bit clock (6.9375 MHz) and
the system CLOCK (27 MHz) for 50 Hz is given as follows:
(27 MHz/4) = 6.75 MHz
(6.9375
× 106/6.75 × 106 = 1.027777
Thus 37 TTX bits correspond to 144 clocks (27 MHz), each bit
has a width of almost four clock cycles. The ADV7190/ADV7191
uses an internal sequencer and variable phase interpolation filter
to minimize the phase jitter and thus generate a bandlimited
signal which can be output on the CVBS and Y outputs.
At the TTX input the bit duration scheme repeats after every
37 TTX bits or 144 clock cycles. The protocol requires that
TTX Bits 10, 19, 28, 37 are carried by three clock cycles, all
other bits by four clock cycles. After 37 TTX bits, the next bits
with three clock cycles are Bits 47, 56, 65, and 74. This scheme
holds for all following cycles of 37 TTX bits, until all 360 TTX
bits are completed. All teletext lines are implemented in the
same way. Individual control of teletext lines are controlled
by Teletext Setup Registers.
ADDRESS & DATA
RUN-IN CLOCK
TELETEXT VBI LINE
45 BYTES (360 BITS) – PAL
Figure 92. Teletext VBI Line
PROGRAMMABLE PULSE EDGES
tPD
tPD
CVBS/Y
HSYNC
TTXREQ
TTXDATA
tSYNTTXOUT = 10.2 s
tPD = PIPELINE DELAY THROUGH ADV7190/ADV7191
TTXDEL = TTXREQ TO TTX (PROGRAMMABLE RANGE = 4 BITS [0–15 CLOCK CYCLES])
TTXDEL
TTXST
tSYNTTXOUT
10.2 s
Figure 93. Teletext Functionality Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com