Electronic Components Datasheet Search
  English  ▼

X  

ADV7191 Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7191
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7191 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7191 Datasheet HTML 13Page - Analog Devices ADV7191 Datasheet HTML 14Page - Analog Devices ADV7191 Datasheet HTML 15Page - Analog Devices ADV7191 Datasheet HTML 16Page - Analog Devices ADV7191 Datasheet HTML 17Page - Analog Devices ADV7191 Datasheet HTML 18Page - Analog Devices ADV7191 Datasheet HTML 19Page - Analog Devices ADV7191 Datasheet HTML 20Page - Analog Devices ADV7191 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
ADV7190/ADV7191
–17–
REV. 0
FEATURES: FUNCTIONAL DESCRIPTION
BRIGHTNESS DETECT
This feature is used to monitor the average brightness of the
incoming Y signal on a field-by-field basis. The information is
read from the I
2C and based, on this information, the color
saturation, contrast and brightness controls can be adjusted (for
example to compensate for very dark pictures). (Brightness Detect
Register.)
CHROMA/LUMA DELAY
The luminance data can be delayed by maximum of six clock
cycles. Additionally the Chroma can be delayed by a maximum
of eight clock cycles (one clock cycle at 27 MHz). (Timing
Register 0 and Mode Register 9.)
CHROMA DELAY
LUMA DELAY
Figure 26. Chroma Delay
Figure 27. Luma Delay
CLAMP OUTPUT
The ADV7190/ADV7191 has a programmable clamp TTL
output signal. This clamp signal is programmable to the front
and back porch. The clamp signal can be varied by one to
three clock cycles in a positive and negative direction from the
default position. (Mode Register 5, Mode Register 7.)
CVBS
OUTPUT PIN
CLAMP
OUTPUT PIN
MR57 = 1
MR57 = 0
CLAMP O/P SIGNALS
Figure 28. Clamp Output Timing
CSO, HSO AND VSO OUTPUTS
The ADV7190/ADV7191 supports three output timing sig-
nals,
CSO (Composite Sync Signal), HSO (Horizontal Sync
Signal) and
VSO (Vertical Sync Signal). These output TTL sig-
nals are aligned with the analog video outputs. See Figure 29 for
an example of these waveforms. (Mode Register 7.)
OUTPUT
VIDEO
525
1
23456789
10
11–19
EXAMPLE:- NTSC
CSO
HSO
VSO
Figure 29.
CSO, HSO, VSO Timing Diagram
COLOR BAR GENERATION
The ADV7190/ADV7191 can be configured to generate 100/
7.5/75/7.5 color bars for NTSC or 100/0/75/0 color bars for
PAL. (Mode Register 4.)
COLOR BURST SIGNAL CONTROL
The burst information can be switched on and off the composite
and chroma video output. (Mode Register 4.)
COLOR CONTROLS
The ADV7190/ADV7191 allows the user to control the brightness,
contrast, hue, and saturation of the color. The control regis-
ters may be double-buffered, meaning that any modification to
the registers will be done outside the active video region and,
therefore, changes made will not be visible during active video.
Contrast Control
Contrast adjustment is achieved by scaling the Y input data by a
factor programmed by the user. This factor allows the data to be
scaled between 0% and 150%. (Contrast Control Register.)
Brightness Control
The brightness is controlled by adding a programmable setup level
onto the scaled Y data.
For NTSC with pedestal, the setup can vary from 0 IRE to
22.5 IRE. For NTSC without pedestal and PAL, the setup can
vary from –7.5 IRE to +15 IRE. (Brightness Control Register.)
Color Saturation
Color adjustment is achieved by scaling the Cr and Cb input
data by a factor programmed by the user. This factor allows the
data to be scaled between 0% and 200%. (U Scale Register and
V Scale Register.)
Hue Adjust Control
The hue adjustment is achieved on the composite and chroma
outputs by adding a phase offset onto the color subcarrier in the
active video but leaving the color burst unmodified, i.e., only
the phase between the video and the colorburst is modified and
hence the hue is shifted. The ADV7190/ADV7191 provides a
range of
± 22° in increments of 0.17578125°. (Hue Adjust
Register.)
CHROMINANCE CONTROL
The color information can be switched on and off the com-
posite, chroma and color component video outputs. (Mode
Register 4.)
UNDERSHOOT LIMITER
A limiter is placed after the digital filters. This prevents any
synchronization problems for TVs. The level of undershoot is
programmable between –1.5 IRE, –6 IRE, –11 IRE when operat-
ing in 4
× Oversampling. In 2× Oversampling mode the limits are
–7.5 IRE and 0 IRE. (Mode Register 9 and Timing Register 0.)
DIGITAL NOISE REDUCTION
DNR is applied to the Y data only. A filter block selects the
high frequency, low amplitude components of the incoming
signal (DNR Input Select). The absolute value of the filter output
is compared to a programmable threshold value (DNR Thresh-
old Control).
Two DNR modes are available: DNR Mode and DNR Sharp-
ness Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com