Electronic Components Datasheet Search
  English  ▼

X  

ADV7191 Datasheet(PDF) 27 Page - Analog Devices

Part # ADV7191
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7191 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADV7191 Datasheet HTML 23Page - Analog Devices ADV7191 Datasheet HTML 24Page - Analog Devices ADV7191 Datasheet HTML 25Page - Analog Devices ADV7191 Datasheet HTML 26Page - Analog Devices ADV7191 Datasheet HTML 27Page - Analog Devices ADV7191 Datasheet HTML 28Page - Analog Devices ADV7191 Datasheet HTML 29Page - Analog Devices ADV7191 Datasheet HTML 30Page - Analog Devices ADV7191 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
ADV7190/ADV7191
–27–
REV. 0
MPU PORT DESCRIPTION
The ADV7190/ADV7191 supports a two-wire serial (I
2C-
compatible) microprocessor bus driving multiple peripherals.
Two inputs, Serial Data (SDA) and Serial Clock (SCL), carry
information between any device connected to the bus. Each
slave device is recognized by a unique address. The ADV7190/
ADV7191 has four possible slave addresses for both read and
write operations. These are unique addresses for each device
and are illustrated in Figure 46 and Figure 47. The LSB sets
either a read or write operation. Logic Level 1 corresponds to a
read operation while Logic Level 0 corresponds to a write opera-
tion. A1 is set by setting the ALSB pin of the ADV7190/ADV7191
to Logic Level 0 or Logic Level 1.
1
X
10
10
1
A1
ADDRESS
CONTROL
SETUP BY
ALSB
READ/WRITE
CONTROL
0
WRITE
1
READ
Figure 46. Slave Address
To control the various devices on the bus the following protocol
must be followed. First, the master initiates a data transfer by
establishing a start condition, defined by a high-to-low transition
on SDA while SCL remains high. This indicates that an address/
data stream will follow. All peripherals respond to the start con-
dition and shift the next eight bits (7-bit address + R/
W bit). The
bits are transferred from MSB down to LSB. The peripheral that
recognizes the transmitted address responds by pulling the data
line low during the ninth clock pulse. This is known as an acknowl-
edge bit. All other devices withdraw from the bus at this point
and maintain an idle condition. The idle condition is where
the device monitors the SDA and SCL lines waiting for the
start condition and the correct transmitted address. The R/
W bit
determines the direction of the data.
A Logic 0 on the LSB of the first byte means that the master
will write information to the peripheral. A Logic 1 on the LSB
of the first byte means that the master will read information
from the peripheral.
The ADV7190/ADV7191 acts as a standard slave device on
the bus. The data on the SDA pin is eight bits long supporting
the 7-bit addresses plus the R/
W bit. It interprets the first byte as
the device address and the second byte as the starting subaddress.
The subaddresses autoincrement allowing data to be written to
or read from the starting subaddress. A data transfer is always
terminated by a stop condition. The user can also access any
unique subaddress register on a one-by-one basis without having
to update all the registers. There is one exception. The Subcarrier
Frequency Registers should be updated in sequence, starting
with Subcarrier Frequency Register 0. The autoincrement function
should be then used to increment and access Subcarrier Frequency
Registers 1, 2, and 3. The Subcarrier Frequency Registers should
not be accessed independently.
Stop and start conditions can be detected at any stage during
the data transfer. If these conditions are asserted out of sequence
with normal read and write operations, they cause an immediate
jump to the idle condition. During a given SCL high period the
user should issue only one start condition, one stop condition,
or a single stop condition followed by a single start condition.
If, an invalid subaddress is issued by the user, the ADV7190/
ADV7191 will not issue an acknowledge and will return to the
idle condition. If in autoincrement mode, the user exceeds the
highest subaddress, the following action will be taken:
1. In Read Mode, the highest subaddress register contents
will continue to be output until the master device issues a
no-acknowledge. This indicates the end of a read. A no-
acknowledge condition is where the SDA line is not pulled
low on the ninth pulse.
2. In Write Mode, the data for the invalid byte will be not be
loaded into any subaddress register, a no-acknowledge will
be issued by the ADV7190/ADV7191 and the part will return
to the idle condition.
89
8
9
89
P
S
START ADDR R/
W ACK SUBADDRESS ACK
DATA
ACK
STOP
SDATA
SCLOCK
1–7
1–7
1–7
Figure 47. Bus Data Transfer
Figure 47 illustrates an example of data transfer for a read
sequence and the start and stop conditions.
Figure 48 shows bus write and read sequences.
DATA
A(S)
S
SLAVE ADDR A(S)
SUB ADDR
A(S)
LSB = 0
LSB = 1
DATA
A(S) P
S
SLAVE ADDR A(S)
SUB ADDR
A(S) S
SLAVE ADDR
A(S)
DATA
A(M)
A(M)
DATA
P
WRITE
SEQUENCE
READ
SEQUENCE
A(S) = NO ACKNOWLEDGE BY SLAVE
A(M) = NO ACKNOWLEDGE BY MASTER
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
S = START BIT
P = STOP BIT
Figure 48. Write and Read Sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com