Electronic Components Datasheet Search
  English  ▼

X  

ADV7191 Datasheet(PDF) 35 Page - Analog Devices

Part # ADV7191
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7191 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADV7191 Datasheet HTML 31Page - Analog Devices ADV7191 Datasheet HTML 32Page - Analog Devices ADV7191 Datasheet HTML 33Page - Analog Devices ADV7191 Datasheet HTML 34Page - Analog Devices ADV7191 Datasheet HTML 35Page - Analog Devices ADV7191 Datasheet HTML 36Page - Analog Devices ADV7191 Datasheet HTML 37Page - Analog Devices ADV7191 Datasheet HTML 38Page - Analog Devices ADV7191 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
ADV7190/ADV7191
–35–
REV. 0
TIMING REGISTER 0 (TR07–TR00)
(Address (SR4–SR0) = 0AH)
Figure 60 shows the various operations under the control of
Timing Register 0. This register can be read from as well as
written to.
TR0 BIT DESCRIPTION
Master/Slave Control (TR00)
This bit controls whether the ADV7190/ADV7191 is in master or
slave mode.
Timing Mode Selection (TR01–TR02)
These bits control the timing mode of the ADV7190/ADV7191.
These modes are described in more detail in the Video Tim-
ing Description and
RESET Sequence sections of the data sheet.
BLANK Input Control (TR03)
This bit controls whether the
BLANK input is used to accept
blank signals or whether blank signals are internally generated.
Note: When this input pin is tied high (to 5 V), the input is dis-
abled regardless of the register setting. It, therefore, should be
tied low (to Ground) to allow control over the I
2C register.
Luma Delay (TR04–TR05)
The luma signal can be delayed by up to 222 ns (or six clock
cycles at 27 MHz) using TR04–TR05. For further information
see Chroma/Luma Delay section.
Min Luminance Value (TR06)
This bit is used to control the minimum luma output value
by the ADV7190/ADV7191 in 2
× Oversampling Mode (MR 16 =
0). When this bit is set to a Logic 1, the luma is limited to 7.5IRE
below the blank level. When this bit is set to (0), the luma value
can be as low as the sync bottom level (40IRE below blanking).
Timing Register Reset (TR07)
Toggling TR07 from low to high and low again resets the inter-
nal timing counters. This bit should be toggled after power-up,
reset, or changing to a new timing mode.
TIMING REGISTER 1
(TR17–TR10)
(Address (SR4–SR0) = 0BH)
Timing Register 1 is an 8-bit-wide register.
Figure 61 shows the various operations under the control of
Timing Register 1. This register can be read from as well written
to. This register can be used to adjust the width and position of
the master mode timing signals.
TR1 BIT DESCRIPTION
HSYNC Width (TR10–TR11)
These bits adjust the
HSYNC pulsewidth.
TPCLK = one clock cycle at 27 MHz.
HSYNC to VSYNC Delay Control (TR12–TR13)
These bits adjust the position of the
HSYNC output relative to
the
VSYNC output.
TPCLK = one clock cycle at 27 MHz.
HSYNC to VSYNC Rising Edge Control (TR14–TR15)
When the ADV7190/ADV7191 is in Timing Mode 1, these bits
adjust the position of the
HSYNC output relative to the VSYNC
output rising edge.
TPCLK = one clock cycle at 27 MHz.
VSYNC Width (TR14–TR15)
When the ADV7190/ADV7191 is configured in Timing Mode
2, these bits adjust the
VSYNC pulsewidth.
TPCLK = one clock cycle at 27 MHz.
HSYNC to Pixel Data Adjust (TR16–TR17)
This enables the
HSYNC to be adjusted with respect to the
pixel data. This allows the Cr and Cb components to be swapped.
This adjustment is available in both master and slave timing
modes.
TPCLK = one clock cycle at 27 MHz.
TR07
TR06
TR05
TR04
TR03
TR02
TR01
TR00
0
LUMA MIN =
SYNC BOTTOM
1
LUMA MIN =
BLANK –7.5 IRE
TR06
MIN LUMINANCE VALUE
0
ENABLE
1
DISABLE
TR03
BLANK INPUT
CONTROL
TIMING
REGISTER RESET
TR07
0
SLAVE TIMING
1
MASTER TIMING
TR00
MASTER / SLAVE
CONTROL
LUMA DELAY
TR05 TR04
0
0
0ns DELAY
0
1
74ns DELAY
1
0
148ns DELAY
1
1
222ns DELAY
TR02 TR01
0
0
MODE 0
0
1
MODE 1
1
0
MODE 2
1
1
MODE 3
TIMING MODE
CONTROL
Figure 60. Timing Register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com