Electronic Components Datasheet Search
  English  ▼

X  

ADV7191 Datasheet(PDF) 19 Page - Analog Devices

Part # ADV7191
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7191 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADV7191 Datasheet HTML 15Page - Analog Devices ADV7191 Datasheet HTML 16Page - Analog Devices ADV7191 Datasheet HTML 17Page - Analog Devices ADV7191 Datasheet HTML 18Page - Analog Devices ADV7191 Datasheet HTML 19Page - Analog Devices ADV7191 Datasheet HTML 20Page - Analog Devices ADV7191 Datasheet HTML 21Page - Analog Devices ADV7191 Datasheet HTML 22Page - Analog Devices ADV7191 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
ADV7190/ADV7191
–19–
REV. 0
VERTICAL BLANKING DATA INSERTION AND
BLANK
INPUT
It is possible to allow encoding of incoming YCbCr data on
those lines of VBI that do not have line sync or pre-/post-
equalization pulses (see Figures 34 to 45). This mode of operation
is called Partial Blanking. It allows the insertion of any VBI
data (Opened VBI) into the encoded output waveform. This data
is present in digitized incoming YCbCr data stream (e.g., WSS
data, CGMS, VPS etc.). Alternatively, the entire VBI may be
blanked (no VBI data inserted) on these lines. VBI is available
in all timing modes.
The complete VBI is comprised of the following lines:
525/60 systems, Lines 525 to 21 for field one and Lines 262 to
284 for field two.
625/50 systems, Line 624 to Line 22 and Lines 311 to 335.
The Opened VBI consists of:
525/60 systems, Lines 10 to 21 for field one and second half of
Lines 273 to 284 for field two.
625/50 systems, Lines 7 to 22 and Lines 319 to 335. (Mode
Register 3.)
It is possible to allow control over the
BLANK signal using
Timing Register 0. When the
BLANK input is enabled (TR03 =
0 and input pin tied low), the
BLANK input can be used to
input externally generated blank signals in Slave Mode 1, 2, or 3.
When the
BLANK input is disabled (TR03 = 1 and input pin
tied low or tied high), the
BLANK input is not used and the
ADV7190/ADV7191 automatically blanks all normally blank
lines as per CCIR-624. (Timing Register 0.)
YUV LEVELS
This functionality allows the ADV7190/ADV7191 to output
SMPTE levels or Betacam levels on the Y output when config-
ured in PAL or NTSC mode.
Sync
Video
Betacam
286 mV
714 mV
SMPTE
300 mV
700 mV
MII
300 mV
700 mV
As the data path is branched at the output of the filters the luma
signal relating to the CVBS or S-Video Y/C output is unaltered.
It is only the Y output of the YCrCb outputs that is scaled.
This control allows color component levels to have a peak-peak
amplitude of 700 mV, 1000 mV or the default values of 934 mV
in NTSC and 700 mV in PAL. (Mode Register 5.)
16-BIT INTERFACE
It is possible to input data in 16-bit format. In this case, the
interface only operates if the data is accompanied by separate
HSYNC/VSYNC/BLANK signals. Sixteen-bit mode is not avail-
able in Slave Mode 0 since EAV/SAV timing codes are used.
(Mode Register 8.)
4
OVERSAMPLING AND INTERNAL PLL
It is possible to operate all six DACs at 27 MHz (2
× Oversam-
pling) or 54 MHz (4
× Oversampling).
The ADV7190/ADV7191 is supplied with a 27 MHz clock synced
with the incoming data. Two options are available: to run the
device throughout at 27 MHz or to enable the PLL. In the latter
case, even if the incoming data runs at 27 MHz, 4
× Oversam-
pling and the internal PLL will output the data at 54 MHz.
NOTE
In 4
× Oversampling Mode the requirements for the optional
output filters are different from those in 2
× Oversampling. (Mode
Register 1, Mode Register 6.) See Appendix 6 for further details.
27MHz
54MHz
OUTPUT
PLL
I
N
T
E
R
P
O
L
A
T
I
O
N
2
54MHz
6
D
A
C
O
U
T
P
U
T
S
ENCODER
ADV7190/ADV7191
PIXEL BUS
ENCODER
CORE
MPEG2
27.0
40.5
54.0
13.5
6.75
2
FILTER
REQUIREMENTS
4
FILTER
REQUIREMENTS
FREQUENCY – MHz
Figure 30. PLL and 4
× Oversampling Block Diagram
VIDEO TIMING DESCRIPTION
The ADV7190/ADV7191 is intended to interface to off-the-
shelf MPEG1 and MPEG2 Decoders. As a consequence, the
ADV7190/ADV7191 accepts 4:2:2 YCrCb Pixel Data via a
CCIR-656 Pixel Port and has several Video Timing Modes of
operation that allow it to be configured as either System Master
Video Timing Generator or a Slave to the System Video Timing
Generator. The ADV7190/ADV7191 generates all of the required
horizontal and vertical timing periods and levels for the analog
video outputs.
The ADV7190/ADV7191 calculates the width and placement of
analog sync pulses, blanking levels, and color burst envelopes.
Color bursts are disabled on appropriate lines and serration and
equalization pulses are inserted where required.
In addition, the ADV7190/ADV7191 supports a PAL or NTSC
square pixel operation. The part requires an input pixel clock of
24.5454 MHz for NTSC square pixel operation and an input
pixel clock of 29.5 MHz for PAL square pixel operation. The
internal horizontal line counters place the various video waveform
sections in the correct location for the new clock frequencies.
The ADV7190/ADV7191 has four distinct Master and four
distinct Slave timing configurations. Timing Control is estab-
lished with the bidirectional
HSYNC, BLANK, and VSYNC
pins. Timing Register 1 can also be used to vary the timing
pulsewidths and where they occur in relation to each other.
(Mode Register 2, Timing Register 0, 1.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com