Electronic Components Datasheet Search
  English  ▼

X  

ADV7191 Datasheet(PDF) 32 Page - Analog Devices

Part # ADV7191
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7191 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADV7191 Datasheet HTML 28Page - Analog Devices ADV7191 Datasheet HTML 29Page - Analog Devices ADV7191 Datasheet HTML 30Page - Analog Devices ADV7191 Datasheet HTML 31Page - Analog Devices ADV7191 Datasheet HTML 32Page - Analog Devices ADV7191 Datasheet HTML 33Page - Analog Devices ADV7191 Datasheet HTML 34Page - Analog Devices ADV7191 Datasheet HTML 35Page - Analog Devices ADV7191 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
ADV7190/ADV7191
–32–
REV. 0
Interlaced Mode Control (MR47)
This bit is used to setup the output to interlaced or noninterlaced
mode.
MODE REGISTER 5
MR5 (MR57–MR50)
(Address (SR4–SR0) = 05H)
Mode Register 5 is a 8-bit wide register. Figure 55 shows the
various operations under the control of Mode Register 5.
MR5 BIT DESCRIPTION
Y-Level Control (MR50)
This bit controls the component Y output level on the ADV7190/
ADV7191. If this bit is set (0), the encoder outputs Betacam
levels when configured in PAL or NTSC mode. If this bit is
set (1), the encoder outputs SMPTE levels when configured
in PAL or NTSC mode.
UV-Levels Control (MR51–MR52)
These bits control the component U and V output levels on
the ADV7190/ADV7191. It is possible to have UV levels with
a peak-to-peak amplitude of either 700 mV (MR52 + MR51
= 01 ) or 1000 mV (MR52 + MR51 = 10) in NTSC and PAL.
It is also possible to have default values of 934 mV for NTSC
and 700 mV for PAL (MR52 + MR51 = 00).
RGB Sync (MR53)
This bit is used to set up the RGB outputs with the sync infor-
mation encoded on all RGB outputs.
Clamp Delay Value (MR54–MR55)
These bits control the delay or advance of the CLAMP signal
in the front or back porch of the ADV7190/ADV7191. It is pos-
sible to delay or advance the pulse by zero, one, two, or three
clock cycles.
Note: Pin 51 is a multifunctional pin (
VSO/CLAMP). CLAMP/
VSO Select Control (MR77) has to be set accordingly.
Clamp Delay Direction (MR56)
This bit controls a positive or negative delay in the CLAMP sig-
nal. If this bit is set (1), the delay is negative. If it is set (0), the
delay is positive.
Clamp Position (MR57)
This bit controls the position of the CLAMP signal. If this bit is
set (1), the CLAMP signal is located in the back porch position.
If this bit is set (0), the CLAMP signal is located in the front
porch position.
MR57
MR56
MR55
MR54
MR53
MR52
MR51
MR50
0
POSITIVE
1
NEGATIVE
MR56
CLAMP DELAY
DIRECTION
UV LEVEL CONTROL
MR52 MR51
0
0
DEFAULT LEVELS
0
1
700mV
1
0
1000mV
1
1
RESERVED
0
DISABLE
1
ENABLE
MR53
RGB SYNC
CLAMP
POSITION
0
FRONT PORCH
1
BACK PORCH
MR57
0
DISABLE
1
ENABLE
MR50
Y LEVEL
CONTROL
CLAMP DELAY
MR55 MR54
0
0
NO DELAY
01
1
PCLK
10
2
PCLK
11
3
PCLK
Figure 55. Mode Register 5 (MR5)
MR47
MR46
MR45
MR44
MR43
MR42
MR41
MR40
0
DISABLE
1
ENABLE
MR46
COLOR BAR
CONTROL
CHROMINANCE
CONTROL
0
ENABLE COLOR
1
DISABLE COLOR
MR44
GENLOCK CONTROL
MR42 MR41
0
0
DISABLE GENLOCK
0
1
ENABLE SUBCARRIER
RESET PIN
1
0
TIMING RESET
1
1
ENABLE RTC PIN
0
DISABLE
1
ENABLE
MR40
VSYNC 3H CONTROL
BURST
CONTROL
0
ENABLE BURST
1
DISABLE BURST
MR45
ACTIVE VIDEO
LINE DURATION
0
720 PIXELS
1
710 PIXELS/702 PIXELS
MR43
INTERLACED
MODE CONTROL
0
INTERLACED
1
NONINTERLACED
MR47
Figure 54. Mode Register 4 (MR4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com