Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 101 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 101 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 97Page - Texas Instruments SPRUG13 Datasheet HTML 98Page - Texas Instruments SPRUG13 Datasheet HTML 99Page - Texas Instruments SPRUG13 Datasheet HTML 100Page - Texas Instruments SPRUG13 Datasheet HTML 101Page - Texas Instruments SPRUG13 Datasheet HTML 102Page - Texas Instruments SPRUG13 Datasheet HTML 103Page - Texas Instruments SPRUG13 Datasheet HTML 104Page - Texas Instruments SPRUG13 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
Table 7-10. EDMA3 Transfer Controller 3 Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02A3 8348
DFCNT1
Destination FIFO Count Register 1
02A3 834C
DFDST1
Destination FIFO Destination Address Register 1
02A3 8350
DFBIDX1
Destination FIFO BIDX Register 1
02A3 8354
DFMPPRXY1
Destination FIFO Memory Protection Proxy Register 1
02A3 8358 - 02A3 837C
-
Reserved
02A3 8380
DFOPT2
Destination FIFO Options Register 2
02A3 8384
DFSRC2
Destination FIFO Source Address Register 2
02A3 8388
DFCNT2
Destination FIFO Count Register 2
02A3 838C
DFDST2
Destination FIFO Destination Address Register 2
02A3 8390
DFBIDX2
Destination FIFO BIDX Register 2
02A3 8394
DFMPPRXY2
Destination FIFO Memory Protection Proxy Register 2
02A3 8398 - 02A3 83BC
-
Reserved
02A3 83C0
DFOPT3
Destination FIFO Options Register 3
02A3 83C4
DFSRC3
Destination FIFO Source Address Register 3
02A3 83C8
DFCNT3
Destination FIFO Count Register 3
02A3 83CC
DFDST3
Destination FIFO Destination Address Register 3
02A3 83D0
DFBIDX3
Destination FIFO BIDX Register 3
02A3 83D4
DFMPPRXY3
Destination FIFO Memory Protection Proxy Register 3
02A3 83D8 - 02A3 FFFC
-
Reserved
Table 7-11. EDMA3 Transfer Controller 4 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02A4 0000
PID
Peripheral Identification Register
02A4 0004
TCCFG
EDMA3TC Configuration Register
02A4 0008 - 02A4 00FC
-
Reserved
02A4 0100
TCSTAT
EDMA3TC Channel Status Register
02A4 0104 - 02A4 011C
-
Reserved
02A4 0120
ERRSTAT
Error Register
02A4 0124
ERREN
Error Enable Register
02A4 0128
ERRCLR
Error Clear Register
02A4 012C
ERRDET
Error Details Register
02A4 0130
ERRCMD
Error Interrupt Command Register
02A4 0134 - 02A4 013C
-
Reserved
02A4 0140
RDRATE
Read Rate Register
02A4 0144 - 02A4 023C
-
Reserved
02A4 0240
SAOPT
Source Active Options Register
02A4 0244
SASRC
Source Active Source Address Register
02A4 0248
SACNT
Source Active Count Register
02A4 024C
SADST
Source Active Destination Address Register
02A4 0250
SABIDX
Source Active Source B-Index Register
02A4 0254
SAMPPRXY
Source Active Memory Protection Proxy Register
02A4 0258
SACNTRLD
Source Active Count Reload Register
02A4 025C
SASRCBREF
Source Active Source Address B-Reference Register
02A4 0260
SADSTBREF
Source Active Destination Address B-Reference Register
02A4 0264 - 02A4 027C
-
Reserved
02A4 0280
DFCNTRLD
Destination FIFO Set Count Reload
02A4 0284
DFSRCBREF
Destination FIFO Set Destination Address B Reference Register
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
101
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com