Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 104 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 104 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 100Page - Texas Instruments SPRUG13 Datasheet HTML 101Page - Texas Instruments SPRUG13 Datasheet HTML 102Page - Texas Instruments SPRUG13 Datasheet HTML 103Page - Texas Instruments SPRUG13 Datasheet HTML 104Page - Texas Instruments SPRUG13 Datasheet HTML 105Page - Texas Instruments SPRUG13 Datasheet HTML 106Page - Texas Instruments SPRUG13 Datasheet HTML 107Page - Texas Instruments SPRUG13 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.6
Interrupts
7.6.1
Interrupt Sources and Interrupt Controller
The CPU interrupts on the device are configured through the C64x+ Megamodule Interrupt Controller. The
interrupt controller allows for up to 128 system events to be programmed to any of the twelve CPU
interrupt inputs, the CPU exception input, or the advanced emulation logic. Table 7-13 shows the mapping
of system events to the interrupt controller inputs. Event numbers 0-31 correspond to the default interrupt
mapping of the device. The remaining events must be mapped using software. Table 7-14 lists the Chip
Interrupt Controller (CIC) registers. For more details on chip interrupt controller 0-2 (CIC0, CIC1, and
CIC2), see Section 7.6.2.
Table 7-13. Interrupts
EVENT CHANNEL
EVENT
EVENT DESCRIPTION
0
EVT0
Output of Event Combiner 0 for Events [31:4]
1
EVT1
Output of Event Combiner 1 for Events [63:32]
2
EVT2
Output of Event Combiner 2 for Events [95:64]
3
EVT3
Output of Event Combiner 3 for Events [127:96]
4
SEMINTn (1)
Semaphore Grant Interrupt
5
MACINTn (2)
Ethernet MAC Control Interrupt
6
MACRXINTn (2)
Ethernet MAC Receive Interrupt
7
MACTXINTn (2)
Ethernet MAC Transmit Interrupt
8
MACTHRESHn (2)
Ethernet MAC Receive Threshold Interrupt
9
EMU_DTDMAn (3)
ECM Interrupt for:
1. Host Scan Access
2. DTDMA Transfer Complete
3. AET Interrupt
10
Unused
Reserved
11
EMU_RTDXRX
RTDX Receive Complete
12
EMU_RTDXTX
RTDX Transmit Complete
13
IDMAINT0
IDMA Channel 0 Interrupt
14
IDMAINT1
IDMA Channel 1 Interrupt
15
FSEVT0
Frame Synchronization Event 0
16
FSEVT1
Frame Synchronization Event 1
17
FSEVT2
Frame Synchronization Event 2
18
FSEVT3
Frame Synchronization Event 3
19
FSEVT4
Frame Synchronization Event 4
20
FSEVT5
Frame Synchronization Event 5
21
FSEVT6
Frame Synchronization Event 6
22
FSEVT7
Frame Synchronization Event 7
23
FSEVT8
Frame Synchronization Event 8
24
FSEVT9
Frame Synchronization Event 9
25
FSEVT10
Frame Synchronization Event 10
26
FSEVT11
Frame Synchronization Event 11
27
FSEVT12
Frame Synchronization Event 12
28
FSEVT13
Frame Synchronization Event 13
(1)
C64x+ Megamodule Core 0, C64x+ Megamodule Core 1, and C64x+ Megamodule Core 2 receive SEMINT0, SEMINT1, and SEMINT2,
respectively.
(2)
EMAC interrupts, MACINTn, MACRXINTn, MACTXINTn, and MACTHRESHn are received by the C64x+ Megamodules, as follows:
•
C64x+ Megamodule Core 0 receives MACINT[0], MACRXINT[0], MACTXINT[0], and MACTHRESH[0]
•
C64x+ Megamodule Core 1 receives MACINT[1], MACRXINT[1], MACTXINT[1], and MACTHRESH[1]
•
C64x+ Megamodule Core 2 receives MACINT[2], MACRXINT[2], MACTXINT[2], and MACTHRESH[2]
(3)
C64x+ Megamodule Core 0, C64x+ Megamodule Core 1, and C64x+ Megamodule Core 2 receive EMU_DTDMA0, EMU_DTDMA1, and
EMU_DTDMA2, respectively.
104
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com