Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 107 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 107 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 103Page - Texas Instruments SPRUG13 Datasheet HTML 104Page - Texas Instruments SPRUG13 Datasheet HTML 105Page - Texas Instruments SPRUG13 Datasheet HTML 106Page - Texas Instruments SPRUG13 Datasheet HTML 107Page - Texas Instruments SPRUG13 Datasheet HTML 108Page - Texas Instruments SPRUG13 Datasheet HTML 109Page - Texas Instruments SPRUG13 Datasheet HTML 110Page - Texas Instruments SPRUG13 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
Table 7-13. Interrupts (continued)
EVENT CHANNEL
EVENT
EVENT DESCRIPTION
126
EMC_CMPA
CPU Memory Protection Fault
127
EMC_BUSERR
Bus Error Interrupt
Table 7-14. Chip Interrupt Controller Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0288 0000
CIC0
Chip Interrupt Controller 0 Registers
0288 0100
CIC1
Chip Interrupt Controller 1 Registers
0288 0200
CIC2
Chip Interrupt Controller 2 Registers
0288 0300
CIC3
Chip Interrupt Controller 3 Registers
7.6.2
System Event Routing
Additional system events are routed to each of the C64x+ Megamodules to provide chip-level events that
are not required as CPU interrupts/exceptions to be routed to the interrupt controller as emulation events.
Additionally, error-class events or infrequently used events are also routed through the system event
router to offload the C64x+ Megamodule interrupt selector. This is accomplished through Chip Interrupt
Controllers, CIC[2:0], with one controller per C64x+ Megamodule. This is clocked using CPU/6.
The event controllers consist of simple combination logic to provide sixteen events to each C64x+
Megamodule, plus the TPCC.
These events are routed to the C64x+ Megamodules for AET purposes, from those TPCC and FSYNC
events that are not otherwise provided to each C64x+ Megamodule. The event controllers each include
two event combiners to provide two combined events to each C64x+ Megamodule, for use. Each of the 16
event outputs from the controllers can select any of the 64 inputs, or either of the two combined events to
pass on to their respective C64x+ Megamodule.
Table 7-15 lists the system events that are available to each C64x+ Megamodule through their respective
event controllers. Note that n implies the event number matches the C64x+ Megamodule number to which
it is routed.
Table 7-15. C64x+ Megamodule Chip Interrupt Controller Event List CIC[2:0]
EVENT CHANNEL
EVENT
EVENT DESCRIPTION
0
EVT0
Output of Event Controller 0 for Events [31:2]
1
EVT1
Output of Event Controller 1 for Events [63:32]
2-3
Unused
Reserved
4
I2CINT
Error Interrupt
5
FSERR1
Error/Alarm Interrupt 1
6
RIOINT7
RapidIO Interrupt 7
7
FSERR2
Error/Alarm Interrupt 2
8
VCPINT
Error Interrupt
9
TCPINT
Error Interrupt
10
RINT0
McBSP0 Receive Interrupt
11
XINT0
McBSP0 Transmit Interrupt
12
RINT1
McBSP1 Receive Interrupt
13
XINT1
McBSP1 Transmit Interrupt
14
REVT0
McBSP0 Receive EDMA Event
15
XEVT0
McBSP0 Transmit EDMA Event
16
REVT1
McBSP1 Receive EDMA Event
17
XEVT1
McBSP1 Transmit EDMA Event
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
107
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com