Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 127 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 127 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 123Page - Texas Instruments SPRUG13 Datasheet HTML 124Page - Texas Instruments SPRUG13 Datasheet HTML 125Page - Texas Instruments SPRUG13 Datasheet HTML 126Page - Texas Instruments SPRUG13 Datasheet HTML 127Page - Texas Instruments SPRUG13 Datasheet HTML 128Page - Texas Instruments SPRUG13 Datasheet HTML 129Page - Texas Instruments SPRUG13 Datasheet HTML 130Page - Texas Instruments SPRUG13 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.8.3.8
PLLDIV Divider Ratio Change Status Register
Whenever a different ratio is written to the PLLDIVn registers, the PLLCTRL flags the change in the
PLLDIV ratio change status registers (DCHANGE). During the GO operation, the PLL controller will only
change the divide ratio of the SYSCLKs with the bit set in DCHANGE. Note that changed clocks will be
automatically aligned to other clocks. The PLLDIV divider ratio change status register is shown in
Figure 7-18 and described in Table 7-32.
31
16
Reserved
R-0
15
13
12
11
10
9
0
Reserved
SYS13
Rsvd
SYS11
Reserved
R-0
R/W-0
R-0
R/W-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 7-18. PLLDIV Divider Ratio Change Status Register (DCHANGE) [Hex Address: 029A 0144]
Table 7-32. PLLDIV Divider Ratio Change Status Register (DCHANGE) Field Descriptions
Bit
Field
Value
Description
31:13
Reserved
0
Reserved. The reserved bit location is always read as 0. A value written to this field has no effect.
12
SYS13
Identifies when the SYSCLK13 divide ratio has been modified.
0
SYSCLK13 ratio has not been modified. When GOSET is set, SYSCLK13 will not be affected.
1
SYSCLK13 ratio has been modified. When GOSET is set, SYSCLK13 will change to the new ratio.
11
Reserved
0
Reserved. The reserved bit location is always read as 0. A value written to this field has no effect.
10
SYS11
Identifies when the SYSCLK11 divide ratio has been modified.
0
SYSCLK11 ratio has not been modified. When GOSET is set, SYSCLK11 will not be affected.
1
SYSCLK11 ratio has been modified. When GOSET is set, SYSCLK11 will change to the new ratio.
2:0
Reserved
0
Reserved. The reserved bit location is always read as 0. A value written to this field has no effect.
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
127
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com