Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 128 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 128 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 124Page - Texas Instruments SPRUG13 Datasheet HTML 125Page - Texas Instruments SPRUG13 Datasheet HTML 126Page - Texas Instruments SPRUG13 Datasheet HTML 127Page - Texas Instruments SPRUG13 Datasheet HTML 128Page - Texas Instruments SPRUG13 Datasheet HTML 129Page - Texas Instruments SPRUG13 Datasheet HTML 130Page - Texas Instruments SPRUG13 Datasheet HTML 131Page - Texas Instruments SPRUG13 Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.8.3.9
SYSCLK Status Register
The SYSCLK status register (SYSTAT) shows the status of the system clocks (SYSCLKn). SYSTAT is
shown in Figure 7-19 and described in Table 7-33.
31
16
Reserved
R-1
15
13
12
11
10
9
8
Reserved
SYS13ON
SYS12ON
SYS11ON
SYS10ON
SYS9ON
R-1
R-1
R-1
R-1
R-1
R-1
7
6
5
0
SYS8ON
SYS7ON
Reserved
R-1
R-1
R-1
LEGEND: R = Read only; -n = value after reset
Figure 7-19. SYSCLK Status Register (SYSTAT) [Hex Address: 029A 0150]
Table 7-33. SYSCLK Status Register (SYSTAT) Field Descriptions
Bit
Field
Value
Description
31:13
Reserved
1
Reserved. The reserved bit location is always read as 1. A value written to this field has no effect.
12:6
SYSnON
SYSCLKn on status.
0
SYSCLKn is gated.
1
SYSCLKn is on.
5:0
Reserved
1
Reserved. The reserved bit location is always read as 1. A value written to this field has no effect.
128
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com